| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
DF11 Datasheet(PDF) 2 Page - Schurter Inc. |
|
|
|||||||||||||||||||||||||||||
DF11 Datasheet(HTML) 2 Page - Schurter Inc. |
|
2 / 2 page ![]() 2 Cord Sets 605.206 www.schurter.com/pg07_2 Connectors Power Entry ModuleOverview complete IEC Appliance Inlet C14 with Fuseholder 2-pole 4707 IEC Appliance Inlet C14 with Line Switch 1- or 2-pole DC11 IEC Appliance Inlet C14 with recessed Circuit Breaker TA45 DF11 IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole, Line Switch 1- or 2-pole and Voltage Selector KD IEC Appliance Inlet C14 with Line Switch 2-pole KEB2 Power Entry Modulefurther types toVAC13KS ... Power Entry Module with line filterOverview complete IEC Appliance Inlet C14 or C18 with Filter, ECO design, Front- or Rear Side Mounting 5120 IEC Appliance Inlet C14 or C18 with Filter, Protection Degree IP65, Fuseholder 1- or 2-pole, Front or Rear Mounting 5707 IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole (5x20 mm or 6.3x32 mm), Line Switch 1- or 2-pole, Vol- tage Selector (Step) CD IEC Appliance Inlet C14 with Filter, Line Switch 1- or 2-pole, Front or Rear Side Mounting DC12 IEC Appliance Inlet C14 with Filter, Line Switch 1-pole KFB1 Power Entry Module with line filterfurther types toVAC13KS ... Passende Stecker verriegelt zu Appliance InletOverview complete IEC Appliance Inlet C14, Snap-in Mounting, Solder, Quick-connect, Screw or PCB Terminal 6010 IEC Appliance Inlet C14, Screw-on Mounting, Front Side, Solder or Quick-connect, PCB or Screw Terminal 6061 IEC Appliance Inlet C14, Screw-on Mounting, Front Side, Solder or Quick-connect or Screw Terminal 6062 IEC Appliance Inlet C14, insert Mounting, Solder or Quick-connect, PCB or Screw Terminal 6170 IEC Appliance Inlet C14 or C18, Screw-on Mounting, Rear Side, PCB- or Solder Terminal GSP1 Appliance Inletfurther types toVAC13KS ... Power Entry ModuleOverview complete IEC Appliance Inlet C14 with Fuseholder 2-pole 4707 IEC Appliance Inlet C14 with Line Switch 1- or 2-pole DC11 IEC Appliance Inlet C14 with recessed Circuit Breaker TA45 DF11 IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole, Line Switch 1- or 2-pole and Voltage Selector KD IEC Appliance Inlet C14 with Line Switch 2-pole KEB2 Power Entry Modulefurther types toVAC13KS ... Power Entry Module with line filterOverview complete IEC Appliance Inlet C14 or C18 with Filter, ECO design, Front- or Rear Side Mounting 5120 IEC Appliance Inlet C14 or C18 with Filter, Protection Degree IP65, Fuseholder 1- or 2-pole, Front or Rear Mounting 5707 IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole (5x20 mm or 6.3x32 mm), Line Switch 1- or 2-pole, Vol- tage Selector (Step) CD IEC Appliance Inlet C14 with Filter, Line Switch 1- or 2-pole, Front or Rear Side Mounting DC12 IEC Appliance Inlet C14 with Filter, Line Switch 1-pole KFB1 Power Entry Module with line filterfurther types toVAC13KS ... Thespecifications,descriptionsandillustrationsindicatedinthisdocumentarebasedon currentinformation.Allcontentissubjecttomodificationsandamendments. |