Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

W25Q16CVSNIP Datasheet(PDF) 13 Page - Winbond

No. de pieza W25Q16CVSNIP
Descripción Electrónicos  3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  WINBOND [Winbond]
Página de inicio  http://www.winbond.com
Logo WINBOND - Winbond

W25Q16CVSNIP Datasheet(HTML) 13 Page - Winbond

Back Button W25Q16CVSNIP Datasheet HTML 9Page - Winbond W25Q16CVSNIP Datasheet HTML 10Page - Winbond W25Q16CVSNIP Datasheet HTML 11Page - Winbond W25Q16CVSNIP Datasheet HTML 12Page - Winbond W25Q16CVSNIP Datasheet HTML 13Page - Winbond W25Q16CVSNIP Datasheet HTML 14Page - Winbond W25Q16CVSNIP Datasheet HTML 15Page - Winbond W25Q16CVSNIP Datasheet HTML 16Page - Winbond W25Q16CVSNIP Datasheet HTML 17Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 79 page
background image
W25Q16CV
Publication Release Date: April 01, 2011
- 13 -
Revision C
Output (DO) is high impedance, and Serial Data Input (DI) and Serial Clock (CLK) are ignored. The Chip
Select (/CS) signal should be kept active (low) for the full duration of the /HOLD operation to avoid
resetting the internal logic state of the device.
6.2
WRITE PROTECTION
Applications that use non-volatile memory must take into consideration the possibility of noise and other
adverse system conditions that may compromise data integrity. To address this concern, the W25Q16CV
provides several means to protect the data from inadvertent writes.
6.2.1
Write Protect Features
•
Device resets when VCC is below threshold
•
Time delay write disable after Power-up
•
Write enable/disable instructions and automatic write disable after erase or program
•
Software and Hardware (/WP pin) write protection using Status Register
•
Write Protection using Power-down instruction
•
Lock Down write protection until next power-up
•
One Time Program (OTP) write protection
*
* Note: This feature is available upon special order. Please contact Winbond for details.
Upon power-up or at power-down, the W25Q16CV will maintain a reset condition while VCC is below the
threshold value of VWI, (See Power-up Timing and Voltage Levels and Figure 38). While reset, all
operations are disabled and no instructions are recognized. During power-up and after the VCC voltage
exceeds VWI, all program and erase related instructions are further disabled for a time delay of tPUW. This
includes the Write Enable, Page Program, Sector Erase, Block Erase, Chip Erase and the Write Status
Register instructions. Note that the chip select pin (/CS) must track the VCC supply level at power-up until
the VCC-min level and tVSL time delay is reached. If needed a pull-up resister on /CS can be used to
accomplish this.
After power-up the device is automatically placed in a write-disabled state with the Status Register Write
Enable Latch (WEL) set to a 0. A Write Enable instruction must be issued before a Page Program, Sector
Erase, Block Erase, Chip Erase or Write Status Register instruction will be accepted. After completing a
program, erase or write instruction the Write Enable Latch (WEL) is automatically cleared to a write-
disabled state of 0.
Software controlled write protection is facilitated using the Write Status Register instruction and setting the
Status Register Protect (SRP0, SRP1) and Block Protect (CMP, SEC,TB, BP2, BP1 and BP0) bits. These
settings allow a portion as small as 4KB sector or the entire memory array to be configured as read only.
Used in conjunction with the Write Protect (/WP) pin, changes to the Status Register can be enabled or
disabled under hardware control. See Status Register section for further information. Additionally, the
Power-down instruction offers an extra level of write protection as all instructions are ignored except for
the Release Power-down instruction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com