| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
500ASSP3M2QE Datasheet(PDF) 2 Page - E-SWITCH |
|
|
|||||||||||||||||||||||||||||
500ASSP3M2QE Datasheet(HTML) 2 Page - E-SWITCH |
|
2 / 2 page ![]() www.e-switch.com info@e-switch.com 183 CONTACT MATERIAL OPTIONS Q R Fixed Terminal: Silver plated copper alloy Moving Contact: Silver plated copper alloy Rating: 3 Amps with resistive load @ 120VAC or 28VDC 1 Amp with resistive load @ 250VAC Fixed Terminal: Copper alloy with gold plate over nickel plate Moving Contact: Copper alloy with gold plate over nickel plate Rating: 0.4 Volt-Amps (VA) max. @ 20V max. (AC or DC) M6 M2 PC PIN P.C. MOUNTING OPTIONS SM6 P.C. MOUNTING SCHEMATIC SMT P.C. MOUNTING SCHEMATIC P.C. MOUNTING SCHEMATIC |