Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPC43A Datasheet(PDF) 1 Page - Vishay Siliconix

No. de pieza TPC43A
Descripción Electrónicos  Surface Mount PAR Transient Voltage Suppressors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TPC43A Datasheet(HTML) 1 Page - Vishay Siliconix

  TPC43A Datasheet HTML 1Page - Vishay Siliconix TPC43A Datasheet HTML 2Page - Vishay Siliconix TPC43A Datasheet HTML 3Page - Vishay Siliconix TPC43A Datasheet HTML 4Page - Vishay Siliconix TPC43A Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Document Number: 89056
For technical questions within your region, please contact one of the following:
www.vishay.com
Revision: 10-May-11
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
1
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Surface Mount PAR® Transient Voltage Suppressors
High Temperature Stability and High Reliability Conditions
TPC6.8 thru TPC43A
Vishay General Semiconductor
New Product
TYPICAL APPLICATIONS
Use in sensitive electronics protection against voltage
transients induced by inductive load switching and lighting
on ICs, MOSFET, signal lines of sensor units for consumer,
computer, industrial, automotive, and telecommunication.
FEATURES
• Junction
passivation
optimized
design
passivated anisotropic rectifier technology
•TJ = 185 °C capability suitable for high reliability
and automotive requirement
• Very low profile - typical height of 1.1 mm
• Ideal for automated placement
• Uni-direction only
• Excellent clamping capability
• Low incremental surge resistance
• Very fast response time
• Meets MSL level 1, per J-STD-020
• AEC-Q101 qualified
• Compliant
to
RoHS
Directive
2002/95/EC
and
in
accordance to WEEE 2002/96/EC
• Halogen-free according to IEC 61249-2-21 definition
MECHANICAL DATA
Case: TO-220AA (SMPC)
Molding compound meets UL 94 V-0 flammability rating
Base P/NHM3 - halogen-free, RoHS compliant, and
automotive grade
Terminals:
Matte
tin
plated
leads,
solderable
per
J-STD-002 and JESD 22-B102
HM3 suffix meets JESD 201 class 2 whisker test
Notes
(1) Non-repetitive current pulse, per fig. 3 and derated above TA = 25 °C per fig. 2
(2) Measured on 8.3 ms single half sine-wave, or equivalent square wave, duty cycle = 4 pulses per minute maximum
(3) Pulse test: 300 μs pulse width, 1 % duty cycle
PRIMARY CHARACTERISTICS
VBR
6.8 V to 43 V
PPPM
1500 W
IFSM
200 A
TJ max.
185 °C
TO-277A (SMPC)
A
2
1
eSMP® Series
Cathode 1
Cathode 2
Anode
A
MAXIMUM RATINGS (TA = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
VALUE
UNIT
Peak power dissipation with a 10/1000 μs waveform (fig. 3) (1)(2)
PPPM
1500
W
Peak power pulse current with a 10/1000 μs waveform (fig. 1) (1)
IPPM
See next table
A
Peak forward surge current 8.3 ms single half sine-wave (2)
IFSM
200
A
Maximum instantaneous forward voltage at 100 A (3)
VF
3.5
V
Operating junction and storage temperature range
TJ, TSTG
- 65 to + 185
°C


Número de pieza similar - TPC43A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
TPC43A VISHAY-TPC43A Datasheet
110Kb / 5P
Surface Mount Automotive Transient Voltage Suppressors
04-Aug-08
TPC43A VISHAY-TPC43A Datasheet
102Kb / 5P
Surface Mount PAR® Transient Voltage Suppressors
19-Apr-2022
More results

Descripción similar - TPC43A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
3KASMC10 VISHAY-3KASMC10_11 Datasheet
92Kb / 5P
Surface Mount PAR Transient Voltage Suppressors
29-Jul-11
SM5A27 VISHAY-SM5A27_11 Datasheet
85Kb / 5P
Surface Mount PAR Transient Voltage Suppressors
18-Apr-11
SM5S10 VISHAY-SM5S10_11 Datasheet
87Kb / 5P
Surface Mount PAR Transient Voltage Suppressors
18-Apr-11
SM6A27 VISHAY-SM6A27_11 Datasheet
85Kb / 5P
Surface Mount PAR Transient Voltage Suppressors
18-Apr-11
SM6S10 VISHAY-SM6S10_11 Datasheet
87Kb / 5P
Surface Mount PAR Transient Voltage Suppressors
18-Apr-11
SM8A27 VISHAY-SM8A27_11 Datasheet
85Kb / 5P
Surface Mount PAR Transient Voltage Suppressors
09-Feb-11
SM8S24AHE3 VISHAY-SM8S24AHE3 Datasheet
98Kb / 5P
Surface Mount PAR Transient Voltage Suppressors
14-Sep-11
SM8S40AHE3 VISHAY-SM8S40AHE3 Datasheet
94Kb / 5P
Surface Mount PAR Transient Voltage Suppressors
18-Sep-12
5KASMC10A VISHAY-5KASMC10A_18 Datasheet
92Kb / 5P
Surface Mount PAR Transient Voltage Suppressors
18-Jan-18
TPSMA6.8A VISHAY-TPSMA6.8A_17 Datasheet
84Kb / 5P
Surface Mount PAR Transient Voltage Suppressors
11-Jul-17
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com