Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SA2K Datasheet(PDF) 2 Page - Vishay Siliconix

No. de pieza SA2K
Descripción Electrónicos  Surface Mount Glass Passivated Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SA2K Datasheet(HTML) 2 Page - Vishay Siliconix

  SA2K Datasheet HTML 1Page - Vishay Siliconix SA2K Datasheet HTML 2Page - Vishay Siliconix SA2K Datasheet HTML 3Page - Vishay Siliconix SA2K Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.vishay.com
For technical questions within your region, please contact one of the following:
Document Number: 88969
2
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Revision: 13-Oct-09
SA2B thru SA2M
Vishay General Semiconductor
New Product
Note
(1) Thermal resistance from junction to ambient and from junction to lead, P.C.B. mounted on 0.79" x 0.79" (20 mm x 20 mm) copper pad areas
RATINGS AND CHARACTERISTICS CURVES
(TA = 25 °C unless otherwise noted)
Fig. 1 - Maximum Forward Current Derating Curve
Fig. 2 - Forward Power Loss Characteristics
Fig. 3 - Maximum Non-Repetitive Peak Forward Surge Current
Fig. 4 - Typical Instantaneous Forward Characteristics
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
SA2B
SA2D
SA2G
SA2J
SA2K
SA2M
UNIT
Typical thermal resistance
RθJA
(1)
80
°C/W
RθJL
(1)
12
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
SA2J-E3/61T
0.064
61T
1800
7" diameter plastic tape and reel
SA2J-E3/5AT
0.064
5AT
7500
13" diameter plastic tape and reel
3.0
2.5
2.0
1.5
1.0
0.5
0
0
25
50
75
100
125
150
175
Lead Temperature (°C)
Lead Temperature
Resistive or Inductive Load
Ambient Temperature
P.C.B. Mounted on
0.79" x 0.79" (20 mm x 20 mm)
Copper Pad Areas
2.5
2.5
2.0
2.0
1.5
1.5
1.0
1.0
0.5
0
0
0.5
Average Forward Current (A)
D = t
p/T
t
p
T
D = 0.1
D = 0.2
D = 0.3
D = 0.5
D = 0.8
D = 1.0
8.3 ms Single Half Sine-Wave
110
70
10
20
30
40
50
60
0
100
Number of Cycles at 50 Hz
10
1
0.1
0.5
0.7
0.9
1.1
1.3
Instantaneous Forward Voltage (V)
T
J = 150 °C
T
J = 125 °C
T
J = 25 °C



Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com