Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

S30VTA80 Datasheet(PDF) 3 Page - Shindengen Electric Mfg.Co.Ltd

No. de pieza S30VTA80
Descripción Electrónicos  3 Phase Bridge Diode(800V 30A)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Página de inicio  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

S30VTA80 Datasheet(HTML) 3 Page - Shindengen Electric Mfg.Co.Ltd

  S30VTA80 Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd S30VTA80 Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd S30VTA80 Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd S30VTA80 Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd S30VTA80 Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
0
40
80
120
160
0
8
16
24
32
40
48
56
S30VTAx
Forward Power Dissipation
Tj= 150
°C
Sine wave
SIN
Average Rectified Forward Current IO [A]



Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com