Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

B360B Datasheet(PDF) 2 Page - Vishay Siliconix

No. de pieza B360B
Descripción Electrónicos  Surface Mount Schottky Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

B360B Datasheet(HTML) 2 Page - Vishay Siliconix

  B360B Datasheet HTML 1Page - Vishay Siliconix B360B Datasheet HTML 2Page - Vishay Siliconix B360B Datasheet HTML 3Page - Vishay Siliconix B360B Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.vishay.com
For technical questions within your region, please contact one of the following:
Document Number: 89122
2
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Revision: 13-Oct-09
B350B, B360B
Vishay General Semiconductor
New Product
Note
(1) P.C.B. mounted with 0.4" x 0.4" (10 mm x 10 mm) copper pad areas, thermal resistance RθJA - junction to ambient, RθJM - junction to mount
RATINGS AND CHARACTERISTICS CURVES
(TA = 25 °C unless otherwise noted)
Fig. 1 - Maximum Forward Current Derating Curve
Fig. 2 - Forward Power Loss Characteristics
Fig. 3 - Typical Instantaneous Forward Characteristics
Fig. 4 - Typical Reverse Leakage Characteristics
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
B350B
B360B
UNIT
Typical thermal resistance
RθJA
(1)
70
°C/W
RθJM
(1)
15
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
B360B-E3/52T
0.096
52T
750
7" diameter plastic tape and reel
B360B-E3/5BT
0.096
5BT
3200
13" diameter plastic tape and reel
TM - Mount Temperature (°C)
3.0
2.0
0
0
75
150
25
100
0.5
50
125
1.0
2.5
1.5
Resistive or Inductive Load
T
M Measured
at Mount of Terminal
Average Forward Current (A)
2.2
1.4
0
0
1.5
3.5
0.5
2.0
0.2
1.0
2.5
0.6
1.8
1.0
2.0
1.2
0.4
1.6
0.8
3.0
D = t
p/T
t
p
T
D = 0.1
D = 0.2
D = 0.3
D = 0.5
D = 0.8
D = 1.0
Instantaneous Forward Voltage (V)
100
0.1
0.1
0.5
1.2
0.2
0.9
1
0.4
1.0
10
1.1
0.7 0.8
0.3
0.6
T
A = 150 °C
T
A = 125 °C
T
A = 25 °C
Percent of Rated Peak Reverse Voltage (%)
100
0.0001
10
50
100
20
90
1
40
10
70
80
30
60
0.1
0.001
0.01
T
A = 150 °C
T
A = 125 °C
T
A = 25 °C



Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com