Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

EL0094 Datasheet(PDF) 1 Page - Micronetics, Inc.

No. de pieza EL0094
Descripción Electrónicos  High Power Limiters 4 GHz to 8 GHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICRONETICS [Micronetics, Inc.]
Página de inicio  http://www.micronetics.com
Logo MICRONETICS - Micronetics, Inc.

EL0094 Datasheet(HTML) 1 Page - Micronetics, Inc.

  EL0094 Datasheet HTML 1Page - Micronetics, Inc. EL0094 Datasheet HTML 2Page - Micronetics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
High Power Limiters
EL0094
4 GHz to 8 GHz
Power Input Specifications
RF Frequency
4 GHz to 8 GHz
Peak Power
1000 Watts (max)
Average Power
25 Watts (max)
Pulse Width
10 uSec
Microwave Specifications
Insertion Loss
1.6 dB
VSWR
1.9:1
Recovery Time
1 uS
Flat Leakage
+20 dBm
Spike Leakage
0.2 ergs
Mechanical
Environmental
Notes
Specifications subject to change without notice
Micronetics, Inc. | Hudson, NH | Tel: 1-603-883-2900 | www.Micronetics.com


Número de pieza similar - EL0094

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Micronetics, Inc.
EL0092 MICRONETICS-EL0092 Datasheet
109Kb / 2P
High Power Limiters 0.15 GHz to 0.45 GHz
EL0093 MICRONETICS-EL0093 Datasheet
161Kb / 2P
High Power Limiters 2 GHz to 4 GHz
EL0095 MICRONETICS-EL0095 Datasheet
170Kb / 2P
High Power Limiters 8 GHz to 12 GHz
EL0096 MICRONETICS-EL0096 Datasheet
170Kb / 2P
High Power Limiters 12 GHz to 18 GHz
More results

Descripción similar - EL0094

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Micronetics, Inc.
EL0036 MICRONETICS-EL0036 Datasheet
150Kb / 2P
High Power Limiters 1.25 GHz to 1.35 GHz
EL0037 MICRONETICS-EL0037 Datasheet
145Kb / 2P
High Power Limiters 2.7 GHz to 2.9 GHz
EL0051 MICRONETICS-EL0051 Datasheet
187Kb / 2P
High Power Limiters 0.5 GHz to 2 GHz
EL0056 MICRONETICS-EL0056 Datasheet
97Kb / 2P
High Power Limiters 5 GHz to 9 GHz
EL0092 MICRONETICS-EL0092 Datasheet
109Kb / 2P
High Power Limiters 0.15 GHz to 0.45 GHz
EL0093 MICRONETICS-EL0093 Datasheet
161Kb / 2P
High Power Limiters 2 GHz to 4 GHz
EL0095 MICRONETICS-EL0095 Datasheet
170Kb / 2P
High Power Limiters 8 GHz to 12 GHz
EL0096 MICRONETICS-EL0096 Datasheet
170Kb / 2P
High Power Limiters 12 GHz to 18 GHz
ES0012 MICRONETICS-ES0012 Datasheet
158Kb / 2P
High Power Switch 4 GHz to 8 GHz
ES0013 MICRONETICS-ES0013 Datasheet
158Kb / 2P
High Power Switch 8 GHz to 18 GHz
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com