Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

K2564 Datasheet(PDF) 4 Page - Shindengen Electric Mfg.Co.Ltd

No. de pieza K2564
Descripción Electrónicos  VX-2 Series Power MOSFET(600V 8A)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Página de inicio  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

K2564 Datasheet(HTML) 4 Page - Shindengen Electric Mfg.Co.Ltd

  K2564 Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd K2564 Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd K2564 Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd K2564 Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd K2564 Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd K2564 Datasheet HTML 6Page - Shindengen Electric Mfg.Co.Ltd K2564 Datasheet HTML 7Page - Shindengen Electric Mfg.Co.Ltd K2564 Datasheet HTML 8Page - Shindengen Electric Mfg.Co.Ltd K2564 Datasheet HTML 9Page - Shindengen Electric Mfg.Co.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Static Drain-Source On-state Resistance
0.1
1
10
-50
0
50
100
150
2SK2564
VGS = 10V
pulse test
TYP
ID = 4A
Case Temperature Tc [
°C]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com