Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SD1023 Datasheet(PDF) 4 Page - Shindengen Electric Mfg.Co.Ltd

No. de pieza 2SD1023
Descripción Electrónicos  Darlington Transistor(5A NPN)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Página de inicio  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

2SD1023 Datasheet(HTML) 4 Page - Shindengen Electric Mfg.Co.Ltd

  2SD1023 Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd 2SD1023 Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd 2SD1023 Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd 2SD1023 Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd 2SD1023 Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd 2SD1023 Datasheet HTML 6Page - Shindengen Electric Mfg.Co.Ltd 2SD1023 Datasheet HTML 7Page - Shindengen Electric Mfg.Co.Ltd 2SD1023 Datasheet HTML 8Page - Shindengen Electric Mfg.Co.Ltd 2SD1023 Datasheet HTML 9Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
1
10
0
1
2
3
4
5
2SD1023
IB1 = 0.002IC
IB2 = 0.002IC
VBB2 = 4V
VCC = 50V
Tc = 25
°C
ts
ton
tf
Switching Time - IC
Collector Current IC [A]



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com