Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

463LP5E Datasheet(PDF) 8 Page - Hittite Microwave Corporation

No. de pieza 463LP5E
Descripción Electrónicos  GaAs pHEMT MMIC LOW NOISE AGC AMPLIFIER, 2 - 20 GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HITTITE [Hittite Microwave Corporation]
Página de inicio  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

463LP5E Datasheet(HTML) 8 Page - Hittite Microwave Corporation

  463LP5E Datasheet HTML 1Page - Hittite Microwave Corporation 463LP5E Datasheet HTML 2Page - Hittite Microwave Corporation 463LP5E Datasheet HTML 3Page - Hittite Microwave Corporation 463LP5E Datasheet HTML 4Page - Hittite Microwave Corporation 463LP5E Datasheet HTML 5Page - Hittite Microwave Corporation 463LP5E Datasheet HTML 6Page - Hittite Microwave Corporation 463LP5E Datasheet HTML 7Page - Hittite Microwave Corporation 463LP5E Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
7
7 - 8
HMC463LP5 / 463LP5E
v08.0511
GaAs pHEMT MMIC LOW NOISE
AGC AMPLIFIER, 2 - 20 GHz
Evaluation PCB
The circuit board used in the application should
use rf circuit design techniques. signal lines
should have 50 ohm impedance while the package
ground leads and package bottom should be
connected directly to the ground plane similar to
that shown. A sufficient number of via holes should
be used to connect the top and bottom ground
planes. The evaluation board should be mounted
to an appropriate heat sink. The evaluation circuit
board shown is available from Hittite upon request.
List of Materials for Evaluation PCB 108341 [1]
item
Description
J1 - J2
sri K Connector
J3 - J4
2 mm molex Header
C1 - C3
100 pf Capacitor, 0402 pkg.
C4 - C6
1000 pf Capacitor, 0603 pkg.
C7 - C8
4.7 µf Capacitor, Tantalum
U1
HmC463lp5(e) Amplifier
pCB [2]
109949 evaluation pCB
[1] reference this number when ordering complete evaluation pCB
[2] Circuit Board material: rogers 4350 or Arlon 25fr



Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com