| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
425LP3E Datasheet(PDF) 3 Page - Hittite Microwave Corporation |
|
|
|||||||||||||||||||||||||||||
425LP3E Datasheet(HTML) 3 Page - Hittite Microwave Corporation |
|
3 / 6 page ![]() For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order On-line at www.hittite.com 5 5 - 118 Truth Table Control Voltage Bias Voltage & Current Worst Case Step Error Between Successive Attenuation States Vdd Range = 3.0 to +5.0 Vdc Vdd (VDC) Idd (Typ.) (μA) +3.0 10 +5.0 30 State Bias Condition Low 0 to 0.2V @ 10 uA Typ. High Vdd ± 0.2V @ 5 uA Typ. Note: Vdd = +3V to +5V Control Voltage Input Attenua- tion State RF1 - RF2 V1 16 dB V2 8 dB V3 4 dB V4 2 dB V5 1 dB V6 0.5 dB High High High High High High Reference I.L. High High High High High Low 0.5 dB High High High High Low High 1 dB High High High Low High High 2 dB High High Low High High High 4 dB High Low High High High High 8 dB Low High High High High High 16 dB Low Low Low Low Low Low 31.5 dB Any combination of the above states will provide an attenuation approximately equal to the sum of the bits selected. -1.2 -0.8 -0.4 0 0.4 0.8 1.2 12 34 567 8 9 10 FREQUENCY (GHz) HMC425LP3 / 425LP3E v03.0409 0.5 dB LSB GaAs MMIC 6-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, 2.2 - 8.0 GHz |