Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MS6333 Datasheet(PDF) 10 Page - MOSA ELECTRONICS

No. de pieza MS6333
Descripción Electrónicos  16-Bit Stereo Audio DAC & Headphone Driver Single Supply Voltage and Low Voltage
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOSA [MOSA ELECTRONICS]
Página de inicio  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6333 Datasheet(HTML) 10 Page - MOSA ELECTRONICS

Back Button MS6333_1 Datasheet HTML 5Page - MOSA ELECTRONICS MS6333_1 Datasheet HTML 6Page - MOSA ELECTRONICS MS6333_1 Datasheet HTML 7Page - MOSA ELECTRONICS MS6333_1 Datasheet HTML 8Page - MOSA ELECTRONICS MS6333_1 Datasheet HTML 9Page - MOSA ELECTRONICS MS6333_1 Datasheet HTML 10Page - MOSA ELECTRONICS MS6333_1 Datasheet HTML 11Page - MOSA ELECTRONICS MS6333_1 Datasheet HTML 12Page - MOSA ELECTRONICS MS6333_1 Datasheet HTML 13Page - MOSA ELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
MOSA
MS6333
16-Bit Stereo Audio DAC & Headphone Driver
REV 7
10/13
www.mosanalog.com
A MP3 with FM application
Audio
DAC
MS6333
-
+
-
+
HP
Driver
MCU
+
MP3
Decoder
Volume
Controller
-79~15dB
FM
Module
MS6257
Mute
Fig.5
MP3 with FM block diagram
MS6333 combined with FM function by using MS6257 as volume controller (-79dB to +15dB)
AVSS
DVDD
DGND
HP VDD
AVDD
BCK
WS
DATA
MUTE
100K
1uF
2.2uF
300K
PD
CF
VOR-IN
RF
47uF
VOR-OUT
CF
VOL-IN
VOL-OUT
CAP
MP3
Decoder
Supply
0.1uF
100uF
HP VSS
0.1uF
0.1uF
MCU
MS6333
FM
module
RFM
RFM
FM mode:
DC Gain = -RF / RFM
RF
47uF
32Ω
Headphone
L-IN
L-OUT
VSS
SDA
R-IN
R-OUT
VDD
SCL
MS6257
1
2
3
5
6
7
8
4
FM-L
FM-R
Fig.6
FM application circuit using MS6333 and MS6257.
Operation:
It may have two sources to play, one is DAC, the other is LINE-IN. To play DAC, the LINE-IN signal (such as from
FM module and MS6257, MS6257 is a stereo audio volume controller) must be muted. To play LINE-IN, the last input
DATA for DAC should 0000HEX code in order to keep a DC with half VDD at the headphone outputs. For both plays,
/MUTE should keep HIGH.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com