Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LPC66 Datasheet(PDF) 44 Page - NXP Semiconductors

No. de pieza LPC66
Descripción Electrónicos  32-bit ARM Cortex-M3 microcontroller; up to 512 kB flash and 64 kB SRAM with Ethernet, USB 2.0 Host/Device/OTG, CAN
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC66 Datasheet(HTML) 44 Page - NXP Semiconductors

Back Button LPC66 Datasheet HTML 40Page - NXP Semiconductors LPC66 Datasheet HTML 41Page - NXP Semiconductors LPC66 Datasheet HTML 42Page - NXP Semiconductors LPC66 Datasheet HTML 43Page - NXP Semiconductors LPC66 Datasheet HTML 44Page - NXP Semiconductors LPC66 Datasheet HTML 45Page - NXP Semiconductors LPC66 Datasheet HTML 46Page - NXP Semiconductors LPC66 Datasheet HTML 47Page - NXP Semiconductors LPC66 Datasheet HTML 48Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 65 page
background image
LPC1768_67_66_65_64_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 19 November 2009
44 of 65
NXP Semiconductors
LPC1768/67/66/65/64
32-bit ARM Cortex-M3 microcontroller
10.1 Electrical pin characteristics
Conditions: VDD(REG)(3V3) = VDD(3V3) = 3.3 V; standard port pins.
Fig 6.
Typical HIGH-level output voltage VOH versus HIGH-level output source current
IOH
Conditions: VDD(REG)(3V3) = VDD(3V3) = 3.3 V; standard port pins.
Fig 7.
Typical LOW-level output current IOL versus LOW-level output voltage VOL
IOH (mA)
0
24
16
8
002aaf112
2.8
2.4
3.2
3.6
VOH
(V)
2.0
T = 85
°C
25
°C
−40 °C
VOL (V)
0
0.6
0.4
0.2
002aaf111
5
10
15
IOL
(mA)
0
T = 85
°C
25
°C
−40 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com