Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TS39100CWRP Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

No. de pieza TS39100CWRP
Descripción Electrónicos  1A Ultra Low Dropout Voltage Regulator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TSC [Taiwan Semiconductor Company, Ltd]
Página de inicio  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS39100CWRP Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS39100CWRP Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS39100CWRP Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS39100CWRP Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS39100CWRP Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS39100CWRP Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS39100CWRP Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS39100CWRP Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TS39100
1A Ultra Low Dropout Voltage Regulator
1/7
Version: B08
SOT-223
TO-252
(DPAK)
General Description
The TS39100 are 1A ultra low dropout linear voltage regulators that provide low voltage, high current output from an
extremely small package. These regulators offers extremely low dropout (typically 400mV at 1A) and very low
ground current (typically 12mA at 1A).
The TS39100 are fully protected against over current faults, reversed input polarity, reversed lead insertion, over
temperature operation, positive and negative transient voltage spikes, logic level enable control and error flag which
signals whenever the output falls out of regulation.
Features
●
Dropout voltage typically 0.4V @Io=1A
●
Output Current up to 1A
●
Low Ground Current
●
Extremely Fast Transient Response
●
Reversed Leakage & Reverse Battery Protection
●
Current Limit & Thermal Shutdown Protection
Ordering Information
Part No.
Package
Packing
TS39100CWxx RP
SOT-223
2.5Kpcs / 13” Reel
TS39100CWxx RPG
SOT-223
2.5Kpcs / 13” Reel
TS39100CPxx RO
TO-252
2.5Kpcs / 13” Reel
TS39100CPxx ROG
TO-252
2.5Kpcs / 13” Reel
Note: Where xx denotes voltage option, available are
18=1.8V, 25=2.5V, 33=3.3V, 50=5.0V
“G” denote for Halogen Free
Application
●
ULDO Linear Regulator for PC add-in Cards
●
PowerPC
TM Power Supplies
●
Battery Powered Equipment
●
Consumer and Personal Electronics
●
High Efficiency Linear Power Supplies
●
SMPS Post Regulator and DC to DC Modules
●
High-efficiency Post Regulator for Switching Supply
●
Portable Application
●
Low-Voltage microcontrollers and Digital Logic
Typical Application Circuit
Absolute Maximum Rating (Note 1)
Parameter
Symbol
Value
Units
Supply Voltage
VIN
-20V ~ +20
V
Operation Input Voltage
VIN (operate)
+2.25 ~ +16
V
Power Dissipation (Note 4)
PD
Internally Limited
W
Operating Junction Temperature Range
TJ
-40 ~ +125
oC
Storage Temperature Range
TSTG
-65 ~ +150
oC
Lead Soldering Temperature (260
oC)
5
S
ESD
(Note 3)
Pin Definition:
1. Input
2. Ground (tab)
3. Output


Número de pieza similar - TS39100CWRP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Taiwan Semiconductor Co...
TS39100CW TSC-TS39100CW Datasheet
180Kb / 10P
1.0A Ultra Low Dropout Positive Voltage Regulator
TS39100CW TSC-TS39100CW Datasheet
593Kb / 13P
1A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39100CW05 TSC-TS39100CW05 Datasheet
180Kb / 10P
1.0A Ultra Low Dropout Positive Voltage Regulator
TS39100CW1.5 TSC-TS39100CW1.5 Datasheet
180Kb / 10P
1.0A Ultra Low Dropout Positive Voltage Regulator
TS39100CW1.8 TSC-TS39100CW1.8 Datasheet
180Kb / 10P
1.0A Ultra Low Dropout Positive Voltage Regulator
More results

Descripción similar - TS39100CWRP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Taiwan Semiconductor Co...
TS178R00 TSC-TS178R00 Datasheet
184Kb / 5P
1A Ultra Low Dropout Voltage Regulator w/Disable
TS2940 TSC-TS2940 Datasheet
139Kb / 6P
1A Ultra Low Dropout Fixed Positive Voltage Regulator
logo
Acutechnology Semicondu...
AQ112 ACUTECH-AQ112 Datasheet
618Kb / 10P
Ultra-Low Dropout 1A Voltage Regulator
Revision 1.6 September 13, 2006
logo
Taiwan Semiconductor Co...
TS2940 TSC-TS2940_07 Datasheet
455Kb / 10P
1A Ultra Low Dropout Voltage Regulator
TS2940 TSC-TS2940_08 Datasheet
579Kb / 10P
1A Ultra Low Dropout Voltage Regulator
TS39100 TSC-TS39100_12 Datasheet
140Kb / 7P
1A Ultra Low Dropout Voltage Regulator
logo
ACE Technology Co., LTD...
ACE518C ACE-ACE518C Datasheet
407Kb / 8P
1A Ultra-Low Vin Low Dropout Voltage Linear Regulator
VER 1.1
logo
SHANGHAI BELLING CO., L...
BL8073 BELLING-BL8073 Datasheet
995Kb / 5P
1A Ultra-Low Vin Low Dropout Voltage Linear Regulator
logo
Fitipower Integrated Te...
FP6153 FITIPOWER-FP6153 Datasheet
364Kb / 7P
1A Ultra Low Dropout Regulator
logo
AiT Semiconductor Inc.
A6110B AITSEMI-A6110B Datasheet
705Kb / 8P
LOW DROPOUT VOLTAGE REGULATOR 1A ULTRA-LOW VIN
REV1.1
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com