Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BAS316WS Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

No. de pieza BAS316WS
Descripción Electrónicos  200mW, High-speed switching SMD Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TSC [Taiwan Semiconductor Company, Ltd]
Página de inicio  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BAS316WS Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  BAS316WS Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BAS316WS Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BAS316WS Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
BAS316WS
200mW, High-speed switching SMD Diode
Small Signal Diode
Rating and Characteristic Curves
FIG 1 Typical Forward Characteristics
0
25
50
75
100
125
150
175
200
225
250
275
300
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
FIG 3 Admissible Power Dissipation Curve
0
50
100
150
200
250
0
25
50
75
100
125
150
175
FIG 4 Typical Junction Capacitance
0
0.2
0.4
0.6
0.8
02
46
8
10
12
14
16
Ta=25°C
Ambient Temperature (°C)
Reverse Voltage (V)
Ta=25°C
FIG 2 Reverse Current as a function of junction
temperature.
0.01
0.1
1
10
100
0
20
40
60
80
100
120
140
160
180
200
VR=75V
max
Junction Temperature (
oC)
Instantaneous Forward Voltage (V)
VR=75V
typ
typ
VR=25V
Version : A10



Html Pages

1 2 3