Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74LVC2G125GS Datasheet(PDF) 9 Page - NXP Semiconductors

No. de pieza 74LVC2G125GS
Descripción Electrónicos  Dual bus buffer/line driver; 3-state
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC2G125GS Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button 74LVC2G125GS Datasheet HTML 5Page - NXP Semiconductors 74LVC2G125GS Datasheet HTML 6Page - NXP Semiconductors 74LVC2G125GS Datasheet HTML 7Page - NXP Semiconductors 74LVC2G125GS Datasheet HTML 8Page - NXP Semiconductors 74LVC2G125GS Datasheet HTML 9Page - NXP Semiconductors 74LVC2G125GS Datasheet HTML 10Page - NXP Semiconductors 74LVC2G125GS Datasheet HTML 11Page - NXP Semiconductors 74LVC2G125GS Datasheet HTML 12Page - NXP Semiconductors 74LVC2G125GS Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
74LVC2G125
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 11 — 9 September 2010
9 of 22
NXP Semiconductors
74LVC2G125
Dual bus buffer/line driver; 3-state
12. Waveforms
Measurement points are given in Table 9.
Logic levels: VOL and VOH are typical output voltage levels that occur with the output load.
Fig 7.
Propagation delay input (nA) to output (nY)
mna230
tPHL
tPLH
VM
VM
nA input
nY output
GND
VI
VOH
VOL
Measurement points are given in Table 9.
Logic levels: VOL and VOH are typical output voltage levels that occur with the output load.
Fig 8.
3-state output enable and disable times
mna362
tPLZ
tPHZ
outputs
disabled
outputs
enabled
VY
VX
outputs
enabled
output
LOW-to-OFF
OFF-to-LOW
output
HIGH-to-OFF
OFF-to-HIGH
nOE input
VI
VOL
VOH
VCC
VM
GND
GND
tPZL
tPZH
VM
VM
Table 9.
Measurement points
Supply voltage
Input
Output
VCC
VM
VM
VX
VY
1.65 V to 1.95 V
0.5VCC
0.5VCC
VOL + 0.15 V
VOH − 0.15 V
2.3 V to 2.7 V
0.5VCC
0.5VCC
VOL + 0.15 V
VOH − 0.15 V
2.7 V
1.5 V
1.5 V
VOL + 0.3 V
VOH − 0.3 V
3.0 V to 3.6 V
1.5 V
1.5 V
VOL + 0.3 V
VOH − 0.3 V
4.5 V to 5.5 V
0.5VCC
0.5VCC
VOL + 0.3 V
VOH − 0.3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com