Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BPA02SB Datasheet(PDF) 2 Page - C&K Components

No. de pieza BPA02SB
Descripción Electrónicos  Side Actuated DIP Switches
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CK-COMPONENTS [C&K Components]
Página de inicio  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

BPA02SB Datasheet(HTML) 2 Page - C&K Components

  BPA02SB Datasheet HTML 1Page - C&K Components BPA02SB Datasheet HTML 2Page - C&K Components BPA02SB Datasheet HTML 3Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
H
H–17
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ck-components.com
BPA Series
Side Actuated DIP Switches
Side Actuator – Surface Mount Terminals
BPA08SB
NOTE: Tape and reel packaging available by adding “R” to end of
project number.
ROHS
NO.
QUANTITY
PART NUMBER
POS.
DIM. ‘A’
DIM. ‘B’
PER TUBE
BPA01SB
1
.176 (4,48)
N/A
100
BPA02SB
2
.276 (7,0)
.100 (2,54)
60
BPA03SB
3
.376 (9,6)
.200 (5,08)
45
BPA04SB
4
.476 (12,1)
.300 (7,62)
35
BPA05SB
5
.575 (14,6)
.400 (10,16)
30
BPA06SB
6
.677 (17,2)
.500 (12,70))
25
BPA07SB
7
.776 (19,7)
.600 (15,24)
20
BPA08SB
8
.878 (22,3)
.700 (17,78)
20
BPA09SB
9
.976 (24,8)
.800 (20,32)
15
BPA10SB
10
1.075 (27,3)
.900 (22,56)
15
Schematic
SPST
1
2
3
4
5
6
7
8
ON
0.100
(2,54)
PITCH
+.000
-.008
+.000
-.004
0.236
(6,0)
0.033/0.041
(0,85/1,04)
0.063
0.024
(1,6+0/-0,2)
(0,6+0/-0,1)
1
2
3
4
5
6
7
8
C&K
BPA08
0.055
(1,4)
5B
0.083
(2,1)
0.029
(0,75)
0.173
(4,4)
0.321
(8,15)
0.039
(1,0)
0.031
(0,8)
0.366
(9,3)
250
“A”
“B”
0.325
(8,26)
0.100
(2,54)
DIM “B”
0.410 MIN.
(10,41)
0.060 MIN.
(1,52)
0.031
(0,8)
0.010
(0,25)
Side Actuator – Thru-hole Terminals
BPA08B
NOTE: Reverse throw available, contact C&K for P/N and quote.
ROHS
NO.
QUANTITY
PART NUMBER
POS.
DIM. ‘A’
DIM. ‘B’
PER TUBE
BPA01B
1
.176 (4,48)
N/A
100
BPA02B
2
.276 (7,0)
.100 (2,54)
60
BPA03B
3
.376 (9,6)
.200 (5,08)
45
BPA04B
4
.476 (12,1)
.300 (7,62)
35
BPA05B
5
.575 (14,6)
.400 (10,16)
30
BPA06B
6
.677 (17,2)
.500 (12,70))
25
BPA07B
7
.776 (19,7)
.600 (15,24)
20
BPA08B
8
.878 (22,3)
.700 (17,78)
20
BPA09B
9
.976 (24,8)
.800 (20,32)
15
BPA10B
10
1.075 (27,3)
.900 (22,56)
15
Schematic
SPST
1
2
3
4
5
6
7
8
ON
0.100
(2,54)
PITCH
+.000
-.008
+.000
-.004
0.236
(6,0)
0.051
(1,3)
0.157
(4,0)
0.106
(2,7)
0.063
0.024
(1,6+0/-0,2)
(0,6+0/-0,2)
1
2
3
4
5
6
7
8
C&K
BPA08
0.055
(1,4)
5B
0.083
(2,1)
0.029
(0,75)
0.173
(4,4)
0.321
(8,15)
0.039
(1,0)
0.010
(0,25)
0.299/0.343
(7,6/8,7)
250
“A”
“B”
0.100
(2,54)
0.300
(7,6)
+.008
-.000
ø0.032
(0,8+0,2/-0)
“B”



Html Pages

1 2 3