Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TL062L-S08-R Datasheet(PDF) 6 Page - Unisonic Technologies

No. de pieza TL062L-S08-R
Descripción Electrónicos  LOW POWER DUAL J-FET OPERATIONAL AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  UTC [Unisonic Technologies]
Página de inicio  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TL062L-S08-R Datasheet(HTML) 6 Page - Unisonic Technologies

  TL062L-S08-R Datasheet HTML 1Page - Unisonic Technologies TL062L-S08-R Datasheet HTML 2Page - Unisonic Technologies TL062L-S08-R Datasheet HTML 3Page - Unisonic Technologies TL062L-S08-R Datasheet HTML 4Page - Unisonic Technologies TL062L-S08-R Datasheet HTML 5Page - Unisonic Technologies TL062L-S08-R Datasheet HTML 6Page - Unisonic Technologies TL062L-S08-R Datasheet HTML 7Page - Unisonic Technologies TL062L-S08-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
TL062
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 8
www.unisonic.com.tw
QW-R105-003,C
■
TYPICAL CHARACTERISTICS
Maximum Peak-to-Peak Output Voltage vs. Supply
Voltage
Supply Voltage, VCC (V)
RL = 10kΩ
Ta = +25°C
See figure 2
30
2
20
10
5
15
25
46
8
10
12
14
16
0
Maximum Peak-to-Peak Output Voltage vs. Free
Air Temp.
Free Air Temperature (°C)
VCC = ±15V
RL = 10kΩ
See figure 2
30
-50
20
10
5
15
25
-25
0
25
50
75
100
125
0
-75
Maximum Peak-to-Peak Output Voltage vs. Load
Resistance
Load Resistance (kΩ)
30
200
20
10
5
15
25
400
700 1k 2k
4k
7k 10k
0
Maximum Peak-to-Peak Output Voltage vs.
Frequency
Frequency (Hz)
30
20
10
5
15
25
10k
100k
1M
10M
0
1k
VCC = ±15V
Ta = +25°C
100
VCC = ±15V
RL = 10kΩ
Ta = +25°C
See figure 2
VCC = ±12V
VCC = ±2V
VCC = ±5V
Differential Voltage Amplification vs. Free Air
Temperature
Free Air Temperature (°C)
10
4
2
7
1
VCC = ±15V
RL = 10kΩ
-50
-25
0
25
50
75
100
125
-75
Input Bias Current vs. Free Air Temperature
Free Air Temperature (°C)
100
10
0.1
25
50
100
125
0.01
0
-25
-50
75
VCC = ±15V
1



Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com