| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SC1152 Datasheet(PDF) 1 Page - Semtech Corporation |
|
|
|||||||||||||||||||||||||||||
SC1152 Datasheet(HTML) 1 Page - Semtech Corporation |
|
1 / 7 page ![]() SC1152 PROGRAMMABLE SYNCHRONOUS DC/DC CONTROLLER FOR ADVANCED PROCESSORS © 1998 SEMTECH CORP. 652 MITCHELL ROAD NEWBURY PARK CA 91320 April 28, 1998 1 Pentium is a registered trademark of Intel Corporation BLOCK DIAGRAM VCC VCC ERROR AMP D/A AND SHUT- LOGIC CONTROL DECODED SHUTDOWN SIGNAL OSCILLATOR 1.25V REF + - + - CURRENT LIMIT + - + - CS(-) VID0 VID2 VID1 VID3 PWRGOOD BSTH DH SHUTDOWN OVP GND PGNDH R S Q + - 70mV CS(+) + - VID4 BSTL DL PGNDL SHOOT-THRU VCC LEVEL SHIFT AND DRIVE DRIVE 200 kHz DOWN UPPER FET SYNCHRONOUS FET GND OPEN COLLECTORS VOSENSE PIN CONFIGURATION Top View (20-Pin SOIC) DESCRIPTION The SC1152 is a low-cost, full featured, synchronous voltage-mode controller designed for use in single ended power supply applications where efficiency is of primary concern. Synchronous operation allows for the elimination of heat sinks in many applications. The SC1152 is ideal for implementing DC/DC converters needed to power advanced microprocessors such as Pentium ® ll (Klamath), in both single and multiple pro- cessor configurations. Internal level-shift, high-side drive circuitry, and preset shoot-thru control, allows for use of inexpensive n-channel power switches. SC1152 features include an integrated 5-bit V ID DAC, temperature compensated voltage reference, triangle wave oscillator, current limit comparator, frequency shift over-current protection, and an accessible, inter- nally compensated error amplifier. Power good signal- ing, logic compatible shutdown, and over voltage pro- tection are also provided. The SC1152 operates at a fixed 200KHz, providing an optimum compromise between efficiency, external component size, and cost. FEATURES • Low cost / full featured • Synchronous operation • 5 Bit V ID DAC programmable output • On-chip power good and OVP functions • Designed to meet Intel VRM8.1 (Pentium® II) APPLICATIONS • Pentium® II (Klamath) Core Supply • Multiple Microprocessor Supplies • Voltage Regulator Modules (VRM) • Programmable Power Supplies • High Efficiency DC/DC Conversion DEVICE (1) PACKAGE TEMP. RANGE (T J) SC1152CS SO-20 0 - 125°C ORDERING INFORMATION TEL:805-498-2111 FAX:805-498-3804 WEB:http://www.semtech.com Note: (1) Add suffix ‘TR’ for tape and reel. |
Número de pieza similar - SC1152 |
|
Descripción similar - SC1152 |