Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PT-4503 Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

No. de pieza PT-4503
Descripción Electrónicos  45W Triple Output with 3.3V output
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MEANWELL [Mean Well Enterprises Co., Ltd.]
Página de inicio  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

PT-4503 Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  PT-4503_11 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. PT-4503_11 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FileName:PT-4503-SPEC2011-03-31
Unit:mm
AMBIENTTEMPERATURE(
)
(HORIZONTAL)
MechanicalSpecification
-10
0
10
20
30
40
50
60
20
40
60
80
100
5.6
2
1
115.8
127
CN1
HS2
HS1
F4A/250V
FS1
ACFUSE
FG
M1
DCOutputConnector(CN2):Molex5273-08orequivalent
ACInputConnector(CN1):Molex5277-02orequivalent
PinNo.
1
2
Assignment
MatingHousing
Molex5195
Molex5194
orequivalent
orequivalent
Terminal
AC/N
AC/L
PinNo.
1,2
3,4,5
6
7,8
Assignment
+5V
COM
+V
+3.3V
MatingHousing
Molex5195
orequivalent
Terminal
Molex5194
orequivalent
O.V.P.
CONTROL
+V
RECTIFIERS
&
COM
+3.3V
DC/DC
CONNERTER
SWITCHING
POWER
FILTER
&
RECTIFIERS
O.L.P.
DETECTION
CIRCUIT
PWM
FILTER
&
RECTIFIERS
+5V
FILTER
FG
I/P
FILTER
EMI
Convection
Forced Air(18CFMmin.)
1
1
2
2
INPUTVOLTAGE(V)60Hz
Ta=25
4.0
60
4.2
4.6
4.4
5.2
5.0
4.8
25
50
150
100
200
250
300
80
120
100
180
200
160
140
220
260
240
9
10
11
7
8
6
12
+3.3V
+5V
+12V
+3.3V
+5V
+12V
DeratingCurve
HS1,HS2 can not be shorted
BlockDiagram
fosc:65KHz
StaticCharacteristics
45W TripleOutputwith3.3Voutput
P T- 4 5 0 3
CN2
4-
3.8
1
M2
2
4
3
7
8
6
5



Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com