Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MBRF10200CT Datasheet(PDF) 2 Page - KEC(Korea Electronics)

No. de pieza MBRF10200CT
Descripción Electrónicos  SCHOTTKY BARRIER TYPE DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KEC [KEC(Korea Electronics)]
Página de inicio  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

MBRF10200CT Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  MBRF10200CT Datasheet HTML 1Page - KEC(Korea Electronics) MBRF10200CT Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2008. 5. 13
2/2
MBRF10200CT
Revision No : 1
AVERAGE FORWARD CURRENT IF(AV) (A)
PF(AV) - IF(AV)
REVERSE VOLTAGE VR (V)
IR - VR
IF - VF
FORWARD VOLTAGE VF (V)
IF - TC
IF - TA
CASE TEMPERATURE Tc ( C)
AMBIENT TEMPERATURE TA ( C)
0
0
0
0
0
0
0.1
0.2
0.4
0.6
0.8
1
1
10
50
100
150
0.1
1
10
100
110
120
130
140
150
4
2
6
DC
40
80
120
160
2
8
10
4
6
12
RATED VOLTAGE APPLIED
ΘJA
ΘJA
R
=16 C/W
R
=60 C/W
(NO HEAT SINK)
DC
DC
2468
2
8
DC
4
6
8
10
12
10
12
10
200
RATED VOLTAGE
R
= 3 C/W
ΘJC
APPLIED
j
T =25 C
T
j =25 C



Html Pages

1 2