Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MBR3045CT Datasheet(PDF) 2 Page - KEC(Korea Electronics)

No. de pieza MBR3045CT
Descripción Electrónicos  SCHOTTKY BARRIER TYPE DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KEC [KEC(Korea Electronics)]
Página de inicio  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

MBR3045CT Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  MBR3045CT Datasheet HTML 1Page - KEC(Korea Electronics) MBR3045CT Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2007. 10. 19
2/2
MBR3045CT
Revision No : 0
AVERAGE FORWARD CURRENT IF(AV) (A)
PF(AV) - IF(AV)
REVERSE VOLTAGE VR (V)
IR - VR
IF - VF
FORWARD VOLTAGE VF (V)
IF - TC
IF - TA
CASE TEMPERATURE Tc ( C)
AMBIENT TEMPERATURE TA ( C)
0
60
0
0
0
0.1
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0.3
1.0
3.0
10
30
100
80
100
120
140
160
10
20
30
40
DC
10
20
30
40
50
0.001
0.01
0.1
10
20
30
40
10
20
30
40
DC
0
0
40
80
120
160
5
RATED VOLTAGE APPLIED
(NO HEAT SINK)
DC
10
15
20
R
=16 C/W
R
=62.5 C/W
DC
j
T =25 C
j
T =25 C
RATED VOLTAGE
R
=1.7 C/W
ΘJC
APPLIED
ΘJA
ΘJA



Html Pages

1 2