Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MBR2045CT Datasheet(PDF) 2 Page - KEC(Korea Electronics)

No. de pieza MBR2045CT
Descripción Electrónicos  SCHOTTKY BARRIER TYPE DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KEC [KEC(Korea Electronics)]
Página de inicio  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

MBR2045CT Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  MBR2045CT Datasheet HTML 1Page - KEC(Korea Electronics) MBR2045CT Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2007. 10. 19
2/2
MBR2045CT
Revision No : 0
AVERAGE FORWARD CURRENT IF(AV) (A)
PF(AV) - IF(AV)
REVERSE VOLTAGE VR (V)
IR - VR
IF - VF
FORWARD VOLTAGE VF (V)
IF - TC
IF - TA
CASE TEMPERATURE Tc ( C)
AMBIENT TEMPERATURE TA ( C)
0
0
0
0
0
0
0.2
0.5
0.4
0.6
0.8
1.0
1.2
1.0
3.0
5.0
10
30
50
10
20
30
0.001
0.01
0.1
70
90
110
130
150
5
10
RATED VOLTAGE
R
=2.0 C/W
ΘJC
DC
APPLIED
40
80
120
160
5
10
15
20
RATED VOLTAGE APPLIED
ΘJA
ΘJA
R
=16 C/W
R
=62.5 C/W
(NO HEAT SINK)
DC
DC
4.0
8.0
12
16
4.0
16
DC
8.0
12
15
20
25
20
24
28
20
40
50
j
T =25 C
T
j =25 C



Html Pages

1 2