Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BZT52C3V9LP Datasheet(PDF) 2 Page - Micro Commercial Components

No. de pieza BZT52C3V9LP
Descripción Electrónicos  250 mW Zener Diode 2.4 to 39 Volts
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MCC [Micro Commercial Components]
Página de inicio  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BZT52C3V9LP Datasheet(HTML) 2 Page - Micro Commercial Components

  BZT52C3V9LP Datasheet HTML 1Page - Micro Commercial Components BZT52C3V9LP Datasheet HTML 2Page - Micro Commercial Components BZT52C3V9LP Datasheet HTML 3Page - Micro Commercial Components BZT52C3V9LP Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.mccsemi.com
Revision:
2
20
10/10/17
2 of 4
MCC
TM
Micro Commercial Components
ELECTRICAL CHARACTERISTICS @25°C
(1) Short duration pulse test used to minimize self-heating effect.
(2) f=1KHz
ZENER VOLTAGE
(1)
Maximum Zener Impedance
(2)
Maximum
Reverse Current
IR (Max) @
VR
VZ @IZT
IZT
ZZT@IZT
ZZK@IZK
IZK
IR
VR
Typical
Temperature
Coefficent
@ IZTC
mV/
oC
Test
Current
IZTC
Type
Number
Marking
Code
Min.
Nom
Max.
mA
mA
uA
V
Min
Max.
mA
BZT52C2V4LP
WX
2.2
2.4
2.6
5
100
600
1.0
50
1.0
-3.5
0
5
BZT52C2V7LP
W1
2.5
2.7
2.9
5
100
600
1.0
20
1.0
-3.5
0
5
BZT52C3V0LP
W2
2.8
3.0
3.2
5
95
600
1.0
10
1.0
-3.5
0
5
BZT52C3V3LP
W3
3.1
3.3
3.5
5
95
600
1.0
5
1.0
-3.5
0
5
BZT52C3V6LP
W4
3.4
3.6
3.8
5
90
600
1.0
5
1.0
-3.5
0
5
BZT52C3V9LP
W5
3.7
3.9
4.1
5
90
600
1.0
3
1.0
-3.5
0
5
BZT52C4V3LP
W6
4.0
4.3
4.6
5
90
600
1.0
3
1.0
-3.5
0
5
BZT52C4V7LP
W7
4.4
4.7
5.0
5
80
500
1.0
3
2.0
-3.5
0.2
5
BZT52C5V1LP
9Y
4.8
5.1
5.4
5
60
480
1.0
2
2.0
-2.7
1.2
5
BZT52C5V6LP
9A
5.2
5.6
6.0
5
40
400
1.0
1
2.0
-2.0
2.5
5
BZT52C6V2LP
9B
5.8
6.2
6.6
5
10
150
1.0
3
4.0
0.4
3.7
5
BZT52C6V8LP
9C
6.4
6.8
7.2
5
15
80
1.0
2
4.0
1.2
4.5
5
BZT52C7V5LP
9D
7.0
7.5
7.9
5
15
80
1.0
1
5.0
2.5
5.3
5
BZT52C8V2LP
9E
7.7
8.2
8.7
5
15
80
1.0
0.7
5.0
3.2
6.2
5
BZT52C9V1LP
9F
8.5
9.1
9.6
5
15
100
1.0
0.5
6.0
3.8
7.0
5
BZT52C10LP
9G
9.4
10
10.6
5
20
150
1.0
0.2
7.0
4.5
8.0
5
BZT52C11LP
9H
10.4
11
11.6
5
20
150
1.0
0.1
8.0
5.4
9.0
5
BZT52C12LP
9J
11.4
12
12.7
5
25
150
1.0
0.1
8.0
6.0
10.0
5
BZT52C13LP
9K
12.4
13
14.1
5
30
170
1.0
0.1
8.0
7.0
11.0
5
BZT52C15LP
9L
13.8
15
15.6
5
30
200
1.0
0.1
10.5
9.2
13.0
5
BZT52C16LP
9M
15.3
16
17.1
5
40
200
1.0
0.1
11.2
10.4
14.0
5
BZT52C18LP
9N
16.8
18
19.1
5
45
225
1.0
0.1
12.6
12.4
16.0
5
BZT52C20LP
9P
18.8
20
21.2
5
55
225
1.0
0.1
14.0
14.4
18.0
5
BZT52C22LP
9R
20.8
22
23.3
5
55
250
1.0
0.1
15.4
16.4
20.0
5
BZT52C24LP
9S
22.8
24
25.6
5
70
250
1.0
0.1
16.8
18.4
22.0
5
BZT52C36LP
9W
34
36
38
2
90
350
0.5
0.1
25.2
36.5
45.5
5
BZT52C39LP
9X
37
39
41
2
130
350
0.5
0.1
27.3
36.8
49.8
5
Ω



Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com