Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CY8C21634B Datasheet(PDF) 4 Page - Cypress Semiconductor

No. de pieza CY8C21634B
Descripción Electrónicos  PSoC Programmable System-on-Chip Low power at high speed
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CYPRESS [Cypress Semiconductor]
Página de inicio  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C21634B Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY8C21634B Datasheet HTML 1Page - Cypress Semiconductor CY8C21634B Datasheet HTML 2Page - Cypress Semiconductor CY8C21634B Datasheet HTML 3Page - Cypress Semiconductor CY8C21634B Datasheet HTML 4Page - Cypress Semiconductor CY8C21634B Datasheet HTML 5Page - Cypress Semiconductor CY8C21634B Datasheet HTML 6Page - Cypress Semiconductor CY8C21634B Datasheet HTML 7Page - Cypress Semiconductor CY8C21634B Datasheet HTML 8Page - Cypress Semiconductor CY8C21634B Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 47 page
background image
CY8C21634B, CY8C21534B, CY8C21434B
CY8C21334B, CY8C21234B
Document Number: 001-67345 Rev. *A
Page 4 of 47
The Analog System
The analog system consists of four configurable blocks that allow
for the creation of complex analog signal flows. Analog
peripherals are very flexible and can be customized to support
specific application requirements. Some of the common PSoC
analog functions for this device (most available as user modules)
are:
ADCs (single or dual, with 8-bit or 10-bit resolution)
Pin-to-pin comparator
Single-ended comparators (up to two) with absolute (1.3 V)
reference or 8-bit DAC reference
1.3-V reference (as a system resource)
In most PSoC devices, analog blocks are provided in columns of
three, which includes one continuous time (CT) and two switched
capacitor (SC) blocks. The CY8C21x34B devices provide limited
functionality Type E analog blocks. Each column contains one
CT Type E block and one SC Type E block. Refer to the PSoC
Technical Reference Manual for detailed information on the
CY8C21x34B’s Type E analog blocks.
Figure 2. Analog System Block Diagram
The Analog Multiplexer System
The analog mux bus can connect to every GPIO pin. Pins may
be connected to the bus individually or in any combination. The
bus also connects to the analog system for analysis with
comparators and analog-to-digital converters. An additional 8:1
analog input multiplexer provides a second path to bring Port 0
pins to the analog array.
Switch-control logic enables selected pins to precharge
continuously under hardware control. This enables capacitive
measurement for applications such as touch sensing. Other
multiplexer applications include:
Track pad, finger sensing
Chip-wide mux that allows analog input from any I/O pin
Crosspoint connection between any I/O pin combinations
Additional System Resources
System resources, some of which are listed in the previous
sections, provide additional capability useful to complete
systems. Additional resources include a switch-mode pump,
low-voltage detection, and power-on-reset (POR).
Digital clock dividers provide three customizable clock
frequencies for use in applications. The clocks may be routed
to both the digital and analog systems. Additional clocks can
be generated using digital PSoC blocks as clock dividers.
The I
2C module provides 100- and 400-kHz communication
over two wires. Slave, master, and multi-master modes are all
supported.
LVD interrupts can signal the application of falling voltage
levels, while the advanced POR circuit eliminates the need for
a system supervisor.
An internal 1.3-V reference provides an absolute reference for
the analog system, including ADCs and DACs.
An integrated switch-mode pump generates normal operating
voltages from a single 1.2-V battery cell, providing a low cost
boost converter.
Versatile analog multiplexer system.
ACOL1MUX
ACE00
ACE01
Array
Array Input
Configuration
ASE10
ASE11
X
X
X
X
X
Analog Mux Bus
All I/O
ACI0[1:0]
ACI1[1:0]
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com