| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ET720 Datasheet(PDF) 2 Page - Protek Devices |
|
|
|||||||||||||||||||||||||||||
ET720 Datasheet(HTML) 2 Page - Protek Devices |
|
2 / 6 page ![]() Only One Name Means ProTek’Tion™ www.protekdevices.com 05165.R6 1/11 Page 2 ET720 TyPical dEvicE chaRacTERisTics MaXiMuM RaTings @ 25°c unless otherwise specified PaRaMETER syMBol valuE uniTs Operating Temperature T A -55 to 150 °C Storage Temperature T STG -55 to 150 °C Continuous Power Dissipation P PC 145 mW ElEcTRical chaRacTERisTics PER linE @ 25°c unless otherwise specified PaRT nuMBER REPETiTivE PEak REvERsE volTagE (note 1) v RRM volTs TyPical FoRwaRd volTagE 8/20µs @ 1a v F volTs MaXiMuM PEak PulsE FoRwaRd cuRREnT @ 8/20µs i FM aMPs MaXiMuM REvERsE lEakagE cuRREnT v RRM @ 20v i R na MaXiMuM quiEscEnT suPPly cuRREnT @ 20v i Rq na TyPical caPaciTancE (note 2) @0v, 1Mhz c j pF ET720 30 2 12 20 200 3 noTE 1. V RRM is +VCC for pin 16, -VEE for pin 1. 2. Measure C j between any VI/O pins to ground and divide by 2. TEST WAVEFORM PARAMETERS t f = 8µs t d = 20µs t f e-t Peak Value I PP t d = t/(IPP/2) FiguRE 1 PulsE wavE FoRM t - Time - µs 0 5 10 15 20 25 30 0 20 40 60 80 100 120 |