Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IP7905J Datasheet(PDF) 3 Page - Seme LAB

No. de pieza IP7905J
Descripción Electrónicos  1.5 AMP NEGATIVE VOLTAGE REGULATOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SEME-LAB [Seme LAB]
Página de inicio  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

IP7905J Datasheet(HTML) 3 Page - Seme LAB

  IP7905J Datasheet HTML 1Page - Seme LAB IP7905J Datasheet HTML 2Page - Seme LAB IP7905J Datasheet HTML 3Page - Seme LAB IP7905J Datasheet HTML 4Page - Seme LAB IP7905J Datasheet HTML 5Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
IP120A SERIES
IP120
SERIES
IP7900A SERIES
IP7900
SERIES
LM120
SERIES
Prelim. 2/99
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
IP7912A
IP7912 , IP120–12
IP120A–12
LM120–12
Parameter
Test Conditions
Min.
Typ.
Max.
Min.
Typ.
Max.
Units
VO
Output Voltage
VO
Low Supply
DVO
Line Regulation
DVO
Load Regulation
IQ
Quiescent Current
DIQ
Quiescent Current
Change
VN
Output Noise
Voltage
DVIN
Ripple Rejection
DVO
Dropout Voltage
RO
Output Resistance
Isc
Short Circuit
Current
Ipk
Peak Output
Current
Average Temperature
Coefficient of VO
Input Voltage required to
maintain line regulation
IO = 500mA
VIN = -19V
VIN = -14.8V to -27V PD £ PMAX
IO = 5mA to IMAX
TJ = -55 to 150°C
IO = 5mA to IMAX
PD £ PMAX
VIN = -14.5V to -27V
VIN = -14.5V to -30V
IO = 0.5 IMAX
VIN = -14.8V to -27V
TJ = -55 to 150°C
IO £ IMAX
VIN = -16V to -22V TJ = -55 to 150°C
IO = 5mA to 1.5A
VIN = -19V
IO = 250mA to 750mA
VIN = -19V
IO = 5mA to IMAX
TJ = -55 to 150°C
IO £ 0.5 IMAX
VIN = -19V
TJ = -55 to 150°C
IO = 5mA to IMAX
VIN = -19V
TJ = -55 to 150°C
VIN = -14.5V to -30V
IO £ 0.5 IMAX
VIN = -15V to -30V
TJ = -55 to 150°C
f = 10Hz to 100kHz
VIN = -19V
f = 120Hz
IO £ IMAX
VIN = -15V to
IO £ 0.5 IMAX
-25V
TJ = -55 to 150°C
IO = IMAX
f = 1 kHz
VIN = -35V
VIN = -19V
IO = 5mA
IO £ IMAX
-11.88
-12
-12.12
-11.64
-12.36
-11.40
-12.36
418
418
14
29
12
32
419
860
0.2
0.4
12
0.2
0.4
0.2
0.5
0.1
0.4
0.1
0.5
75
960
58
72
58
72
1.1
2.3
8
0.6
1.2
2.4
3.3
0.5
4.8
-14.5
V
V
mV
mV
mA
mA
mV
dB
V
m
W
A
mV
°C
V
-11.76
-12
-12.24
-11.52
-12.48
-11.40
-12.60
4
120
4
200
125
260
12
80
460
8
120
0.2
0.4
12
0.2
0.4
0.2
0.5
0.1
0.4
0.1
1.0
75
960
56
72
56
72
1.1
2.3
8
0.6
1.2
2.4
3.3
0.5
4.8
-14.5
1) All characteristics are measured with a capacitor across the input of 0.22
mF and a capacitor across the output of 0.1mF.
All characteristics except noise voltage and ripple rejection ratio are measured using pulse techniques (tp £ 10ms, d£ 5%). Output
voltage changes due to changes in internal temperature must be taken into account separately.
2) Test Conditions unless otherwise stated: PMAX = 10W for TO–220SM , PMAX = 1W for Cerdip, PMAX = 20W for all other package
devices
IMAX = 1.0A , TJ = 25°C



Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com