Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N3174 Datasheet(PDF) 3 Page - Microsemi Corporation

No. de pieza 1N3174
Descripción Electrónicos  HIGH RELIABILITY SILICON POWER RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROSEMI [Microsemi Corporation]
Página de inicio  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

1N3174 Datasheet(HTML) 3 Page - Microsemi Corporation

  1N3174 Datasheet HTML 1Page - Microsemi Corporation 1N3174 Datasheet HTML 2Page - Microsemi Corporation 1N3174 Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
TECHNICAL DATA SHEET
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 620-2600 / Fax: (978) 689-0803
Website: http://www.microsemi.com
HIGH RELIABILITY SILICON POWER RECTIFIER
T4-LDS-0140 Rev. 1 (091750)
Page 3 of 3
PACKAGE DIMENSIONS
Dimensions
Symbol
Inches
Millimeters
Notes
Min
Max
Min
Max
A
1.520
38.10
4
B
.530
.755
13.46
19.18
C
.063
.172
1.60
4.37
φD
1.100
27.94
φD1
.600
15.24
E
1.218
1.252
30.94
31.75
F
.250
.562
6.35
14.27
5
H
5.125
6.750
130.18
171.45
I1
.375
9.53
7
φM
.660
.745
16.76
18.92
2
M1
.125
3.18
6
N
.793
.828
20.14
21.03
Q
2.300
57.15
Q1
.375
9.53
6
φt
.265
.350
6.73
3.89
W
3
NOTES:
1.
Metric equivalents are given for general information only.
2.
Complete threads to extend to within 2.5 threads of seating
plane.
3.
.750-16 UNF-2A. Maximum pitch diameter of plated
threads shall be basic pitch diameter. .7094 (18.019 mm)
ref. (Screw Thread Standards for Federal Services) FED-
STD-H28.
4.
Angular orientation of terminal and tabulation with respect
to hex base is undefined. Square or radius on end of
terminal is undefined.
5.
A chamfer (or undercut) on one or both ends of hexagonal
portions is optional.
6.
Tabulation optional.
7.
Minimum flat.
8.
Flexible leads.
Physical dimensions for semiconductor devices



Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com