| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
IMX28CEC Datasheet(PDF) 65 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
IMX28CEC Datasheet(HTML) 65 Page - Freescale Semiconductor, Inc |
|
65 / 70 page ![]() i.MX28 Applications Processors Data Sheet for Consumer Products, Rev. 1 Freescale Semiconductor 65 4.4 i.MX287 Ball Map Figure 45 shows the i.MX287 MAPBGA Ball Map. Figure 45. 289-pin i.MX287 MAPBGA Ball Map 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 A VSS SSP3 _SCK SSP2 _SCK SSP0 _CMD SSP0 _DAT A3 SSP0 _SCK VDDI O33 USB1 DP VSS USB0 DM PSWI TCH XTALI VDD4 P2 RESE TN BATT ERY DCDC _LP DCDC _GND A B SSP1 _SCK SSP3 _MIS O SSP2 _MIS O SSP0 _DAT A7 SSP0 _DAT A4 SSP0 _DAT A0 VSS USB1 DM DEBU G USB0 DP VSSA 2 XTAL O VSSA 1 HSAD C0 DCDC _BAT T DCDC _VDD A DCDC _LN1 B C SSP1 _CMD SSP3 _MOS I SSP2 _MOS I SSP2 _SS0 SSP0 _DAT A5 SSP0 _DAT A1 I2C0_ SCL LRAD C2 LRAD C1 TEST MOD E RTC_ XTAL O VDDX TAL VDDA 1 LRAD C6 LRAD C0 VSS DCDC _VDD IO C D SSP1 _DAT A0 SSP3 _SS0 SSP2 _SS1 SSP2 _SS2 SSP0 _DAT A6 SSP0 _DAT A2 SPDI F I2C0_ SDA LRAD C3 SSP0 _DET ECT RTC_ XTALI JTAG _TMS LRAD C4 JTAG _TRS T LRAD C5 VDD1 P5 DCDC _VDD D D E SSP1 _DAT A3 ENET _CLK ENET 0_TX _CLK ENET 0_RX _EN VSS VDDI O33 SAIF0 _SDA TA0 SAIF1 _SDA TA0 PWM 3 PWM 4 JTAG _TCK JTAG _TDI JTAG _TDO JTAG _RTC K VSS VDDI O33 VDD5 V E F ENET 0_TX D0 ENET 0_TX D1 ENET 0_RX _CLK ENET 0_TX _EN AUAR T2_T X AUAR T2_R X SAIF0 _BITC LK VDDI O18 VDDI O18 VDDD VDDD VDDD EMI_ D14 VSSI O_EM I EMI_ DQM1 VSSI O_EM I EMI_ D15 F G ENET 0_TX D2 ENET 0_TX D3 VDDI O33 ENET 0_MD C AUAR T0_R X SAIF0 _LRC LK SAIF0 _MCL K VDDI O18 VDDI O18 VDDD VDDD VDDD VDDI O_EM I EMI_ D10 VDDI O_EM I EMI_ D08 VDDI O_EM I G H ENET 0_RX D0 ENET 0_RX D1 VSS ENET 0_MD IO AUAR T0_T X AUAR T2_C TS AUAR T2_R TS VDDI O33 VSS VSS VSS VSS EMI_ D12 VSSI O_EM I EMI_ D09 VSS EMI_ D13 H J ENET 0_RX D2 ENET 0_RX D3 ENET 0_CR S ENET 0_CO L AUAR T1_R TS AUAR T0_C TS AUAR T0_R TS VDDI O33 VDDI O33 VDDI O33 VSS VSS VDDI O_EM IQ EMI_ D11 VSS EMI_ DQS1 N EMI_ DQS1 J K LCD_ WR_ RWN LCD_ D00 LCD_ D01 AUAR T1_T X AUAR T1_C TS AUAR T3_R TS PWM 0 PWM 2 VSS VSS VSS VDDD EMI_ VREF 1 EMI_ DDR_ OPEN VDDI O_EM IQ EMI_ DQS0 N EMI_ DQS0 K L LCD_ VSYN C LCD_ D02 LCD_ D03 AUAR T1_R X AUAR T3_T X AUAR T3_C TS PWM 1 GPMI _RDY 3 GPMI _RES ETN VSS VSS VSSI O_EM I VDDI O_EM I EMI_ D06 EMI_ DDR_ OPEN _FB EMI_ CLKN EMI_ CLK L M LCD_ HSYN C LCD_ D04 LCD_ D05 LCD_ RS AUAR T3_R X LCD_ RESE T GPMI _CE2 N GPMI _RDY 2 GPMI _CE3 N VDDI O_EM I VDDI O_EM I VDDI O_EM I EMI_ D01 VSS EMI_ DQM0 VSSI O_EM I EMI_ D07 M N LCD_ DOTC LK LCD_ D06 VDDI O33 VSS LCD_ ENAB LE GPMI _RDY 0 GPMI _CE0 N GPMI _RDY 1 GPMI _CE1 N EMI_ A14 EMI_ A07 EMI_ BA2 VDDI O_EM I EMI_ D03 VDDI O_EM I EMI_ D00 VDDI O33_ EMI N P LCD_ D07 LCD_ D08 LCD_ D09 LCD_ RD_E LCD_ CS GPMI _ALE GPMI _CLE GPMI _WR N EMI_ CE1N EMI_ A09 VDDI O_EM I EMI_ CE0N EMI_ D04 VSSI O_EM I EMI_ D02 VSSI O_EM I EMI_ D05 P R LCD_ D10 LCD_ D11 LCD_ D17 LCD_ D20 LCD_ D23 GPMI _RDN GPMI _D05 GPMI _D02 EMI_ A06 VSSI O_EM I EMI_ A05 VSSI O_EM I VDDI O_EM I EMI_ VREF 0 VDDI O_EM IQ EMI_ RASN EMI_ ODT0 R T LCD_ D12 LCD_ D13 LCD_ D16 LCD_ D19 LCD_ D22 GPMI _D07 GPMI _D04 GPMI _D01 EMI_ A13 EMI_ A11 EMI_ A03 EMI_ BA1 EMI_ CKE VSSI O_EM I EMI_ WEN EMI_ BA0 EMI_ ODT1 T U VSS LCD_ D14 LCD_ D15 LCD_ D18 LCD_ D21 GPMI _D06 GPMI _D03 GPMI _D00 EMI_ A08 EMI_ A04 EMI_ A12 EMI_ A01 EMI_ A10 EMI_ A02 EMI_ A00 EMI_ CASN VSSI O_EM I U 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 |