Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PIC24FV32KA301 Datasheet(PDF) 48 Page - Microchip Technology

No. de pieza PIC24FV32KA301
Descripción Electrónicos  20/28/44/48-Pin, General Purpose, 16-Bit Flash Microcontrollers with XLP Technology
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FV32KA301 Datasheet(HTML) 48 Page - Microchip Technology

Back Button PIC24FV32KA301 Datasheet HTML 44Page - Microchip Technology PIC24FV32KA301 Datasheet HTML 45Page - Microchip Technology PIC24FV32KA301 Datasheet HTML 46Page - Microchip Technology PIC24FV32KA301 Datasheet HTML 47Page - Microchip Technology PIC24FV32KA301 Datasheet HTML 48Page - Microchip Technology PIC24FV32KA301 Datasheet HTML 49Page - Microchip Technology PIC24FV32KA301 Datasheet HTML 50Page - Microchip Technology PIC24FV32KA301 Datasheet HTML 51Page - Microchip Technology PIC24FV32KA301 Datasheet HTML 52Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 320 page
background image
TABLE 4-14:
PORTC REGISTER MAP(1)
File
Name
Addr
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
All
Resets
TRISC
02D0
—
—
—
—
—
—
TRISC9
TRISC8
TRISC7
TRISC6
TRISC5
TRISC4
TRISC3
TRISC2
TRISC1
TRISC0
03FF
PORTC 02D2
—
—
—
—
—
—
RC9
RC8
RC7
RC6
RC5
RC4
RC3
RC2
RC1
RC0
xxxx
LATC
02D4
—
—
—
—
—
—
LATC9
LATC8
LATC7
LATC6
LATC5
LATC4
LATC3
LATC2
LATC1
LATC0
xxxx
ODCC
02D6
—
—
—
—
—
—
ODC9
ODC8
ODC7
ODC6
ODC5
ODC4
ODC3
ODC2
ODC1
ODC0
0000
Legend:
— = unimplemented, read as ‘0’. Reset values are shown in hexadecimal.
Note 1:
PORTC is not implemented in 20-pin devices or 28-pin devices.
TABLE 4-15:
PAD CONFIGURATION REGISTER MAP
File
Name
Addr
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
All Resets
PADCFG1
02FC
—
—
—
—
—
—
—
—
—
—
SMBUSDEL2 SMBUSDEL1
—
—
—
—
0000
Legend:
— = unimplemented, read as ‘0’. Reset values are shown in hexadecimal.