| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
R5F2138CMNFD Datasheet(PDF) 1 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F2138CMNFD Datasheet(HTML) 1 Page - Renesas Technology Corp |
|
1 / 58 page ![]() R01DS0082EJ0110 Rev.0.10 Page 1 of 55 Mar 04, 2011 R8C/38M Group RENESAS MCU Preliminary Datasheet Specifications in this document are tentative and subject to change. 1. Overview 1.1 Features The R8C/38M Group of single-chip MCUs incorporates the R8C CPU core, employing sophisticated instructions for a high level of efficiency. With 1 Mbyte of address space, and it is capable of executing instructions at high speed. In addition, the CPU core boasts a multiplier for high-speed operation processing. Power consumption is low, and the supported operating modes allow additional power control. These MCUs are designed to maximize EMI/EMS performance. Integration of many peripheral functions, including multifunction timer and serial interface, reduces the number of system components. The R8C/38M Group has data flash (1 KB × 4 blocks) with the background operation (BGO) function. 1.1.1 Applications Electronic household appliances, office equipment, audio equipment, consumer equipment, etc. R01DS0082EJ0110 Rev.0.10 Mar 04, 2011 |
Número de pieza similar - R5F2138CMNFD |
|
Descripción similar - R5F2138CMNFD |