| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
IXFP22N60P3 Datasheet(PDF) 4 Page - IXYS Corporation |
|
|
|||||||||||||||||||||||||||||
IXFP22N60P3 Datasheet(HTML) 4 Page - IXYS Corporation |
|
4 / 5 page ![]() IXYS Reserves the Right to Change Limits, Test Conditions, and Dimensions. IXFP22N60P3 IXFQ22N60P3 IXFH22N60P3 Fig. 7. Input Admittance 0 5 10 15 20 25 30 35 3.5 4.0 4.5 5.0 5.5 6.0 6.5 VGS - Volts TJ = 125ºC 25ºC - 40ºC Fig. 8. Transconductance 0 5 10 15 20 25 30 35 40 45 0 5 10 15 20 25 30 35 ID - Amperes TJ = - 40ºC 125ºC 25ºC Fig. 9. Forward Voltage Drop of Intrinsic Diode 0 5 10 15 20 25 30 35 40 0.30.4 0.50.6 0.70.8 0.91.0 VSD - Volts TJ = 125ºC TJ = 25ºC Fig. 10. Gate Charge 0 1 2 3 4 5 6 7 8 9 10 0 5 10 15 20 25 30 35 40 QG - NanoCoulombs VDS = 300V I D = 11A I G = 10mA Fig. 11. Capacitance 1 10 100 1,000 10,000 0 5 10 15 20 25 30 35 40 VDS - Volts f = 1 MHz Ciss Crss Coss Fig. 12. Forward-Bias Safe Operating Area 0.1 1 10 100 10 100 1,000 VDS - Volts TJ = 150ºC TC = 25ºC Single Pulse 1ms 100µs RDS(on) Limit |