| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
7106L-R40-T Datasheet(PDF) 6 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
7106L-R40-T Datasheet(HTML) 6 Page - Unisonic Technologies |
|
6 / 18 page ![]() 7106 CMOS IC UNISONICTECHNOLOGIESCO.,LTD 6 of 18 www.unisonic.com.tw QW-R502-018.D DESIGN INFORMATION SUMMARY SHEET *OSCILLATOR FREQUENCY fosc=0.45/RC COSC>50pF, ROSC>50kΩ fOSC (Typ)=48kHz *OSCILLATOR PERIOD tOSC=RC/0.45 *INTEGRATION CLOCK FREQUENCY fCLOCK=fOSC/4 *INTEGRATION PERIOD tINT=1000×(4/fOSC) *60/50Hz REJECTION CRITERION tINT/t60Hz or tINT/t50Hz=Integer *OPTIMUM INTEGRATION CURRENT IINT=4μA *FULL SCALE ANALOG INPUT VOLTAGE VINFS (Typ)=200mV or 2V *INTEGRATE ESISTOR RINT= VINFS/ IINT *INTEGRATE CAPACITOR CINT=(tINT)(IINT)/ VINT *INTEGRATOR OUTPUT VOLTAGE SWING VINT=(tINT)(IINT)/ CINT *VINT MAXIMUM SWING (V- + 0.5V)<VINT<(V+ - 0.5V), VINT (Typ)=2V *DISPLAY COUNT COUNT=1000×VIN/VREF *CONVERSION CYCLE tCYC=tCLOCK×4000 tCYC=tOSC×16,000 When fOSC=48kHz, tCYC=333ms *COMMON MODE INPUT VOLTAGE (V- + 1V)<VIN<(V+ - 0.5V) *AUTO-ZERO CAPACITOR 0.01μF<CAZ<1μF *REFERENCE CAPACITOR 0.1μF<CREF<1μF *VCOM Biased between Vi and V- *VCOM V+ ≒ - 2.8V Regulation lost when V+ to V- < 6.8V ≒ If VCOM is externally pulled down to (V+ to V-)/2, the VCOM circuit will turn off. *POWER SUPPLY: SINGLE 9V V+ - V- =9V VGND V+ ≒ - 4.5V Digital supply is generated by internal parts. *DISPLAY: LCD Type: Direct drive with digital logic supply amplitude. |