| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
3513F-S16-R Datasheet(PDF) 7 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
3513F-S16-R Datasheet(HTML) 7 Page - Unisonic Technologies |
|
7 / 12 page ![]() 3513 CMOS IC UNISONICTECHNOLOGIESCO.,LTD 7 of 12 www.unisonic.com.tw QW-R502-129.A ABSOLUTE MAXIMUM RATINGS PARAMETER SYMBOL RATINGS UNIT Supply Voltage VDD -0.3 ~ 16 V VS5,VS33 -0.3 ~ 7 V VS12A, VS12B -0.3 ~ 16 V IS12A, IS12B, IS5, IS33 -0.3 ~ V12A+0.3 V Input Voltage PSONB, PGI, OTP VIN -0.3 ~ 7 V FPOB -0.3 ~ VDD+0.3 V Output Voltage PGO VOUT -0.3 ~ VDD+0.3 V Operating Temperature TOPR -40 ~ +125 ℃ Storage Temperature TSTG -55 ~ +150 ℃ Note 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged. Absolute maximum ratings are stress ratings only and functional device operation is not implied. 2. Stress above those listed may cause permanent damage to the devices. RECOMMENDED OPERATING CONDITIONS PARAMETER SYMBOL MIN TYP MAX UNIT Supply Voltage VDD 4 12 15 V VS5,VS33 7 V VS12A, VS12B 15 V IS12A, IS12B, IS5, IS33 15 V Input Voltage PSONB, PGI,OTP VIN 7 V FPOB 7 V Output Voltage PGO VOUT 7 V FPOB 30 mA Output Sink Current PGO IO(SINK) 10 mA RI Output Current IO(RI) 10 65 uA Supply Voltage Rising Time (VDD) tR 1 ms ELECTRICAL CHARACTERISTICS (Ta=25℃ and V DD=5V and V12A=12V) PARAMETER SYMBOL TEST CONDITIONS MIN TYP MAX UNIT Over Voltage Detection V12A, V12B 13.2 13.8 14.4 V V5 5.7 5.95 6.2 V Over Voltage Threshold V33 3.7 3.9 4.1 V @ ISINK=10mA 0.3 Low Level Output Voltage (FPOB) VOL @ ISINK=30mA 0.7 V Output Leakage Current (FPOB) ILEAK @ V(FPOB)=5V 5 uA PSONB High-Level Input Voltage VIH 2 V Low-Level Input Voltage VIL 0.8 V Input Pull-up Current IIN @ PSONB=0V 100 uA PGI and PGO V12A, V12B 9.5 9.90 10.5 V V5 4.15 4.30 4.45 V Under Voltage Threshold V33 2.54 2.68 2.82 V Input Threshold Voltage (PGI) VI(THD) 1.16 1.20 1.24 V Low Level Output Voltage (PGO) VOL @ ISINK=10mA 0.4 V Output Leakage current (PGO) ILEAK @ PGO=5V 5 uA OTP/FC High-Level Input Voltage (OTP) VIH 3513E/3513F 3.10 3.25 3.40 V Low-Level Input Voltage (OTP) VIL 2.30 2.45 2.60 V Start-up Voltage (FC) 0.7 0.8 0.9 V |