Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

S2S4LB0F Datasheet(PDF) 11 Page - Sharp Corporation

No. de pieza S2S4LB0F
Descripción Electrónicos  Zero cross type Mini-Flat Package Phototriac Coupler for triggering
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SHARP [Sharp Corporation]
Página de inicio  http://sharp-world.com/
Logo SHARP - Sharp Corporation

S2S4LB0F Datasheet(HTML) 11 Page - Sharp Corporation

Back Button S2S4LB0F Datasheet HTML 7Page - Sharp Corporation S2S4LB0F Datasheet HTML 8Page - Sharp Corporation S2S4LB0F Datasheet HTML 9Page - Sharp Corporation S2S4LB0F Datasheet HTML 10Page - Sharp Corporation S2S4LB0F Datasheet HTML 11Page - Sharp Corporation S2S4LB0F Datasheet HTML 12Page - Sharp Corporation S2S4LB0F Datasheet HTML 13Page - Sharp Corporation S2S4LB0F Datasheet HTML 14Page - Sharp Corporation S2S4LB0F Datasheet HTML 15Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Solvent cleaning :
Solvent temperature should be 45˚C or below. Immersion time should be 3minutes or less.
Ultrasonic cleaning :
The impact on the device varies depending on the size of the cleaning bath, ultrasonic output, cleaning time,
size of PCB and mounting method of the device.
Therefore, please make sure the device withstands the ultrasonic cleaning in actual conditions in advance of
mass production.
Recommended solvent materials :
Ethyl alcohol, Methyl alcohol and Isopropyl alcohol.
In case the other type of solvent materials are intended to be used, please make sure they work fine in
actual using conditions since some materials may erode the packaging resin.
● Cleaning instructions
This product shall not contain the following materials.
And they are not used in the production process for this device.
Regulation substances : CFCs, Halon, Carbon tetrachloride, 1.1.1-Trichloroethane (Methylchloroform)
Specific brominated flame retardants such as the PBBOs and PBBs are not used in this product at all.
● Presence of ODC
11
S2S4 Series
Sheet No.: D2-A06601EN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15