| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MPC8309EC Datasheet(PDF) 60 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8309EC Datasheet(HTML) 60 Page - Freescale Semiconductor, Inc |
|
60 / 82 page ![]() MPC8309 PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications, Rev. 0 60 Freescale Semiconductor Package and Pin Listings GPIO_9/TXCAN1/LSRCID1/LCS_B5 C17 IO OVDD - GPIO_10/RXCAN2/LSRCID2/LCS_B6 E15 IO OVDD - GPIO_11/TXCAN2/LSRCID3/LCS_B7 A18 IO OVDD - GPIO_12/RXCAN3/LSRCID4/LCLK1 D15 IO OVDD - GPIO_13/TXCAN3/LDVAL/ C18 IO OVDD - GPIO_14/RXCAN4 D16 IO OVDD - GPIO_15/TXCAN4 C19 IO OVDD - USB USBDR_PWRFAULT/CE_PIO_1/ AA6 I OVDD 1 USBDR_CLK/UART2_SIN2/UART2_CTS_B1/ AC9 I OVDD - USBDR_DIR/URM_TRIG/ AA7 I OVDD - USBDR_NXT/UART2_SIN1/UC1_URM/QE_EXT _REQ_4 AC5 I OVDD - USBDR_TXDRXD0/GPIO_32/QE_TRB_O Y6 IO OVDD - USBDR_TXDRXD1/GPIO_33/QE_TRB_I W9 IO OVDD - USBDR_TXDRXD2/GPIO_34/QE_BRG_1 AB5 IO OVDD - USBDR_TXDRXD3/GPIO_35/QE_BRG_2 AA5 IO OVDD - USBDR_TXDRXD4/GPIO_36/QE_BRG_3 Y8 IO OVDD - USBDR_TXDRXD5/GPIO_37/QE_BRG_4 AC4 IO OVDD - USBDR_TXDRXD6/GPIO_38/QE_BRG_9 AC3 IO OVDD - USBDR_TXDRXD7/GPIO_39/QE_BRG_11 AB3 IO OVDD - USBDR_PCTL0/UART2_SOUT1/UC2_URM/LB_ POR_CFG_BOOT_ECC W8 O OVDD - USBDR_PCTL1/UART2_SOUT2/UART2_RTS_B 1/LB_POR_BOOT_ERR W7 O OVDD - USBDR_STP/UC3_URM/QE_EXT_REQ_2 W6 O OVDD - PCI PCI_INTA_B B22 O OVDD - PCI_RESET_OUT_B F19 O OVDD - PCI_AD0/BOOT_ROM_ADDR[2] B23 IO OVDD - PCI_AD1/BOOT_ROM_ADDR[3] C21 IO OVDD - PCI_AD2/BOOT_ROM_ADDR[4] E20 IO OVDD - PCI_AD3/BOOT_ROM_ADDR[5] G19 IO OVDD - PCI_AD4/BOOT_ROM_ADDR[6] C23 IO OVDD - PCI_AD5/BOOT_ROM_ADDR[7] H19 IO OVDD - PCI_AD6/CE_PIO_0/BOOT_ROM_ADDR[8] D21 IO OVDD - PCI_AD7/BOOT_ROM_ADDR[9] F20 IO OVDD - |