| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MD-010 Datasheet(PDF) 2 Page - Vectron International, Inc |
|
|
|||||||||||||||||||||||||||||
MD-010 Datasheet(HTML) 2 Page - Vectron International, Inc |
|
2 / 8 page ![]() Summary Specifications Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com Comparitive Performance of Standard Modules Model Embedded Oscillator Typical Uses MD-0100-DXJ-TCXO-10M0000000 TCXO Applications requiring a disciplined clock with little or no hold over MD-0102-DXJ-HPTC-10M0000000 High Precision TCXO Applications requiring 1 hour hold over on the order of 10 us MD-0101-DXJ-EMXO-10M0000000 EMXO Applications requiring 8 hour hold over on the order of 100 us MD-0101-DXJ-DAEM-10M0000000 Digitally Assisted EMXO Application requiring 8 hour hold over of 100us over extended tempera- ture ranges MD-0103-BXJ-OCXO-10M0000000 OCXO Applications requiring 8 hour hold over of 50 us over extended tempera- ture ranges MD-0103-BXJ-DAOC-10M0000000 Digitally Assisted OCXO Applications requiring 24 hour hold over on the order of 20 us MD-0104-BXJ-DOCX-10M0000000 Double Oven OCXO Applications with stringent hold over requirements, 8.6 us over 24 hour Hold Over Performance (detailed performance on page 5) 1 Hold Over Time 10 min 1 hr 1 hr 8 hr 8 hr 24hr 24 hr Hold Over Temperature Change DT= 2 oC DT= 2 oC DT= 10 oC DT= 2 oC DT= 10 oC DT= 2 oC DT= 10 oC Model Maximum Accumulated Hold Over in us MD-0100-DXJ-TCXO-10M0000000 4.9 32 120 500 1200 2400 4700 MD-0102-DXJ-HPTC-10M0000000 1.5 12 27 270 380 2000 2400 MD-0101-DXJ-EMXO-10M0000000 2.5 12.5 60 105 490 340 1500 MD-0101-DXJ-DAEM-10M0000000 0.4 2 8.7 20 75 90 250 MD-0103-BXJ-OCXO-10M0000000 0.14 0.9 4 9 30 35 100 MD-0103-BXJ-DAOC-10M0000000 0.05 0.24 0.4 2.8 3.7 18 21 MD-0104-BXJ-DOCX-10M0000000 0.05 0.09 .21 1 2.5 5.9 10 Summary Performance Characteristics Model Warm Up Time (min- utes) Aging / day (ppb)1 Temper- ature Stability (ppb)2 Module Height (mm) Accuracy to UTC (+/-1sig- ma) Accuracy (+/-) 3 Warm up Power @ 25 oC (W) Steady State Power @ 25 oC (W) Voltage (V) MD-0100-DXJ-TCXO-10M0000000 5 40 280 11 100 ns 5E-12 0.3 0.3 5 MD-0102-DXJ-HPTC-10M0000000 5 40 50 12.6 100 ns 5E-12 0.35 0.3 5 MD-0101-DXJ-EMXO-10M0000000 10 1 75 11.8 50 ns 2E-12 1.75 0.6 5 MD-0101-DXJ-DAEM-10M0000000 10 1 10 11.8 50 ns 2E-12 1.75 0.6 5 MD-0103-BXJ-OCXO-10M0000000 18 0.2 4 19.5 50 ns 1E-12 4.2 3 12 MD-0103-BXJ-DAOC-10M0000000 18 0.2 0.2 19.5 50 ns 1E-12 4.2 3 12 MD-0104-BXJ-DOCX-10M0000000 18 0.1 0.2 21.3 50 ns 1E-12 14 5.3 12 Phase Noise/ AVAR -10 Hz -100 Hz -1 kHz -10 kHz -100 kHz AVAR (t=1s) AVAR (t=10s) MD-0100-DXJ-TCXO-10M0000000 -95 -120 -140 -155 -155 tbd tbd MD-0102-DXJ-HPTC-10M0000000 -80 -110 -130 -140 -150 tbd tbd MD-0101-DXJ-EMXO-10M0000000 -100 -130 -140 -145 -150 1E-10 5E-10 MD-0101-DXJ-DAEM-10M0000000 -100 -130 -140 -145 -150 1E-10 5E-10 MD-0103-BXJ-OCXO-10M0000000 -120 -135 -145 -145 -145 1E-11 2E-11 MD-0103-BXJ-DAOC-10M0000000 -120 -135 -145 -145 -145 1E-11 2E-11 MD-0104-BXJ-DOCX-10M0000000 -120 -135 -145 -145 -145 1E-11 2E-11 2 |