Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LC75863W Datasheet(PDF) 21 Page - Sanyo Semicon Device

No. de pieza LC75863W
Descripción Electrónicos  1/3 Duty LCD Display Drivers with Key Input Function
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC75863W Datasheet(HTML) 21 Page - Sanyo Semicon Device

Back Button LC75863W Datasheet HTML 16Page - Sanyo Semicon Device LC75863W Datasheet HTML 17Page - Sanyo Semicon Device LC75863W Datasheet HTML 18Page - Sanyo Semicon Device LC75863W Datasheet HTML 19Page - Sanyo Semicon Device LC75863W Datasheet HTML 20Page - Sanyo Semicon Device LC75863W Datasheet HTML 21Page - Sanyo Semicon Device LC75863W Datasheet HTML 22Page - Sanyo Semicon Device LC75863W Datasheet HTML 23Page - Sanyo Semicon Device LC75863W Datasheet HTML 24Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
No. 7135-21/24
LC75863E, 75863W
Sample Application Circuit 4
1/3 bias (for use with large panels)
To the controller
power supply
To the controller
From the
controller
(general-purpose
output ports)
Key matrix
(up to 30 keys)
10 k
Ω ≥ R ≥ 1 kΩ
C
≥ 0.047 µF
+5.5 V
+5 V
VDD
S23
S5
P4/S4
P3/S3
P2/S2
P1/S1
COM3
(P1)
(P2)
(P3)
(S24)
(S25)
(P4)
COM1
OSC
COM2
DO
DI
CL
*8
C
C
R
R
R
*9
CE
VLCD1
VLCD2
VLCD
TEST
VSS
S
2
5
/
K
S
2
S
2
4
/
K
S
1
K
S
3
K
S
5
K
S
4
K
I
1
K
I
2
K
I
3
K
I
4
K
I
5
K
S
6
Used with the
backlight controller
or other circuit.
Note: *8.
Add a capacitor to the logic block power supply line so that the logic block power supply voltage VDD rise time when power is applied and the
logic block power supply voltage VDD fall time when power drops are both at least 1 ms, as the LC75863E/W is reset by the VDET.
*9.
The DO pin, being an open-drain output, requires a pull-up resistor. Select a resistance (between 1 to 10 k
Ω) appropriate for the capacitance of
the external wiring so that signal waveforms are not degraded.
Notes on transferring display data from the controller
The display data (D1 to 75) is transferred to the LC75863E/W in two operations. All of the display data should be
transferred within 30 ms to maintain the quality of the displayed image.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com