| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
33480 Datasheet(PDF) 24 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
33480 Datasheet(HTML) 24 Page - Freescale Semiconductor, Inc |
|
24 / 39 page ![]() Analog Integrated Circuit Device Data 24 Freescale Semiconductor 33480 PROTECTION AND DIAGNOSIS FEATURES The following diagrams (9&10) describe the faults management in Normal Mode and Fail Mode . Figure 11. Faults management in Normal Mode (for OUT[1:5] only) OFF OCHI1 OCHI2 OCLO (OCHI2=1) or (OT=1) or (UV=1) or (D7=0) (OCHI1=1) or (OT=1) or (UV=1) or (D7=0) D7=0 then 1 without fault (rewrite D7=1) and (t<t1) without fault t>t2 without fault t1<t<t2 without fault (t1<t<t2) and (rewrite D7=1) (t>t2) and (rewrite D7=1) (OCLO=1) or (OT=1) or (UV=1) or (D7=0) Note: t1 and t2 please refer to Figure 10. |