Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CEP6186 Datasheet(PDF) 3 Page - Chino-Excel Technology

No. de pieza CEP6186
Descripción Electrónicos  N-Channel Enhancement Mode Field Effect Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CET [Chino-Excel Technology]
Página de inicio  http://www.cetsemi.com
Logo CET - Chino-Excel Technology

CEP6186 Datasheet(HTML) 3 Page - Chino-Excel Technology

  CEP6186 Datasheet HTML 1Page - Chino-Excel Technology CEP6186 Datasheet HTML 2Page - Chino-Excel Technology CEP6186 Datasheet HTML 3Page - Chino-Excel Technology CEP6186 Datasheet HTML 4Page - Chino-Excel Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
CEP6186/CEB6186
3
VDS, Drain-to-Source Voltage (V)
Figure 1. Output Characteristics
VGS, Gate-to-Source Voltage (V)
Figure 2. Transfer Characteristics
VDS, Drain-to-Source Voltage (V)
Figure 3. Capacitance
TJ, Junction Temperature( C)
Figure 5. Gate Threshold Variation
with Temperature
Ciss
Coss
Crss
1200
1000
800
600
400
200
0
0
5
10
15
20
25
2.2
1.9
1.6
1.3
1.0
0.7
0.4
VGS=10V
ID=19A
-100
-50
0
50
100
150
200
1.3
1.2
1.1
1.0
0.9
0.8
0.7
0.6
VDS=VGS
ID=250µA
-50 -25 0 25 50 75 100 125 150
VSD, Body Diode Forward Voltage (V)
Figure 6. Body Diode Forward Voltage
Variation with Source Current
TJ, Junction Temperature( C)
Figure 4. On-Resistance Variation
with Temperature
50
1
2
3
4
-55 C
25 C
10
6
5
20
30
40
60
0
TJ=125C
0.6
0.8
1.0
1.2
10
1
10
0
10
2
1.4
1.6
VGS=0V
12
8
4
0
0.0
0.5
1.0
2.0
1.5
16
2.5
3.0
VGS=3V
VGS=4V
VGS=10,8,7V
24
20



Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com