Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADM1166 Datasheet(PDF) 13 Page - Analog Devices

No. de pieza ADM1166
Descripción Electrónicos  Super Sequencer with Margining Control and Nonvolatile Fault Recording
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADM1166 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADM1166 Datasheet HTML 9Page - Analog Devices ADM1166 Datasheet HTML 10Page - Analog Devices ADM1166 Datasheet HTML 11Page - Analog Devices ADM1166 Datasheet HTML 12Page - Analog Devices ADM1166 Datasheet HTML 13Page - Analog Devices ADM1166 Datasheet HTML 14Page - Analog Devices ADM1166 Datasheet HTML 15Page - Analog Devices ADM1166 Datasheet HTML 16Page - Analog Devices ADM1166 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
ADM1166
Rev. 0 | Page 13 of 32
POWERING THE ADM1166
The ADM1166 is powered from the highest voltage input on
either the positive-only supply inputs (VPx) or the high voltage
supply input (VH). This technique offers improved redundancy
because the device is not dependent on any particular voltage rail
to keep it operational. The same pins are used for supply fault
detection (see the Supply Supervision section). A VDD arbitrator
on the device chooses which supply to use. The arbitrator can
be considered an OR’ing of five low dropout regulators (LDOs)
together. A supply comparator chooses the highest input to provide
the on-chip supply. There is minimal switching loss with this
architecture (~0.2 V), resulting in the ability to power the ADM1166
from a supply as low as 3.0 V. Note that the supply on the VXx
pins cannot be used to power the device.
An external capacitor to GND is required to decouple the on-chip
supply from noise. This capacitor should be connected to the
VDDCAP pin, as shown in Figure 21. The capacitor has another
use during brownouts (momentary loss of power). Under these
conditions, when the input supply (VPx or VH) dips transiently
below VDD, the synchronous rectifier switch immediately turns
off so that it does not pull VDD down. The VDD capacitor can
then act as a reservoir to keep the device active until the next
highest supply takes over the powering of the device. A 10 μF
capacitor is recommended for this reservoir/decoupling function.
The value of the VDDCAP capacitor may be increased if it is
necessary to guarantee a complete fault record is written into
EEPROM should all supplies fail. The value of capacitor to use
is discussed in the Black Box Writes with No External Supply
section.
The VH input pin can accommodate supplies up to 14.4 V, which
allows the ADM1166 to be powered using a 12 V backplane supply.
In cases where this 12 V supply is hot swapped, it is recommended
that the ADM1166 not be connected directly to the supply. Suitable
precautions, such as the use of a hot swap controller or RC filter
network, should be taken to protect the device from transients
that could cause damage during hot swap events.
When two or more supplies are within 100 mV of each other,
the supply that first takes control of VDD keeps control. For
example, if VP1 is connected to a 3.3 V supply, VDD powers up
to approximately 3.1 V through VP1. If VP2 is then connected to
another 3.3 V supply, VP1 still powers the device, unless VP2
goes 100 mV higher than VP1.
SUPPLY
COMPARATOR
IN
EN
OUT
4.75V
LDO
IN
EN
OUT
4.75V
LDO
IN
EN
OUT
4.75V
LDO
IN
EN
OUT
4.75V
LDO
IN
EN
OUT
4.75V
LDO
VH
VP4
VP3
VP2
VP1
VDDCAP
INTERNAL
DEVICE
SUPPLY
Figure 21. VDD Arbitrator Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com