| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
BAV19 Datasheet(PDF) 2 Page - Pan Jit International Inc. |
|
|
|||||||||||||||||||||||||||||
BAV19 Datasheet(HTML) 2 Page - Pan Jit International Inc. |
|
2 / 2 page ![]() PAGE . 2 STAD-FEB.06.2009 1 BAV19~BAV21 0 100 100 300 500 200 AMBIENT TEMPERATURE, 0 0.7 1.4 2.1 2.8 3.5 24 6 8 1.0 T=25 C f=1KHz J O REVERSE VOLTAGE, VOLTS 10 -2 10 0 10 1 10 2 10 3 10 4 10 -1 FORWARD CURRENT, mA 10 1 10 2 10 0 T=25 C f=1KHz J O S tp A 10 -5 10 0 10 -1 10 1 10 2 10 -4 10 -3 10 -2 10 -1 10 0 10 1 V=0 V=0.1 V=0.2 V=0.3 T IFRM IFRM I tp t v=tp / T T=1/fp RATING A ND CHA RA CTERISTIC CURVES Fi g.4 DERATING CURVE Fi g .2-DYNA MIC FORWA RD RESISTA NCE VERSUS FORWA RD CURRENT Fi g .1 A DMISSIB L E REPETITIVE PEA K FORWA RD CURRENT VERSUS PUL SE DURATION Fig.5 TYPICAL JUNCTION CAPACITANCE O C 0 0.2 1.0 10 100 .8 1.2 1.6 .4 FORWARDVOLTAGE,VOLTS Fig.2 FORWARD CHARACTERISTICS T =125 C A O 75 C O 25 C O -25 C O |