Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LB1823 Datasheet(PDF) 1 Page - Sanyo Semicon Device

No. de pieza LB1823
Descripción Electrónicos  Power Brushless Motor Predriver IC for OA Applications
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1823 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LB1823 Datasheet HTML 1Page - Sanyo Semicon Device LB1823 Datasheet HTML 2Page - Sanyo Semicon Device LB1823 Datasheet HTML 3Page - Sanyo Semicon Device LB1823 Datasheet HTML 4Page - Sanyo Semicon Device LB1823 Datasheet HTML 5Page - Sanyo Semicon Device LB1823 Datasheet HTML 6Page - Sanyo Semicon Device LB1823 Datasheet HTML 7Page - Sanyo Semicon Device LB1823 Datasheet HTML 8Page - Sanyo Semicon Device LB1823 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Monolithic Digital IC
Ordering number : EN4263B
13097HA(OT)/83095HA(OT) No. 4263-1/11
LB1823
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110 JAPAN
Power Brushless Motor Predriver IC
for OA Applications
Overview
The LB1823 is a predriver IC developed for driving
power brushless motors in office automation applications.
A motor driver circuit with the desired output power
(current and voltage) can be constructed by attaching
either a driver array or discrete components at the output.
The LB1823 output supports direct PWM drive and thus
allows the implementation of low-loss drive circuits.
Additionally, the LB1823 includes several associated
circuits, such as a speed control circuit, and FG amplifier,
and an integrating amplifier, on chip.
Features
• Direct PWM drive output
• Crystal oscillator circuit
• Speed discriminator plus PLL speed control system
• Lock detector output
• Forward/reverse switching circuit
• Braking circuit (short braking technique)
• Start/stop switching circuit
• Over current limiter circuit (OCL)
• Thermal shutdown circuit (TSD)
• Built-in FG amplifier, integrating amplifier
• Shunt regulator output (7.0 V)
Package Dimensions
unit: mm
3196-DIP30SD
SANYO: DIP30SD
[LB1823]


Número de pieza similar - LB1823

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LB1823M SANYO-LB1823M Datasheet
119Kb / 11P
Power Brushless Motor Predriver IC for OA Applications
More results

Descripción similar - LB1823

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LB11823M SANYO-LB11823M Datasheet
176Kb / 19P
Direct PWM Drive Brushless Motor Predriver for OA Products
LB1821M SANYO-LB1821M Datasheet
223Kb / 16P
Power Brushless Motor Pre-Driver IC for OA Equipment
LB1823M SANYO-LB1823M Datasheet
119Kb / 11P
Power Brushless Motor Predriver IC for OA Applications
LB1921 SANYO-LB1921 Datasheet
138Kb / 10P
Three-Phase Brushless Motor Driver for OA Applications
LB1923M SANYO-LB1923M Datasheet
110Kb / 17P
Power Brushless Motor Pre-Driver IC for OA Equipment
logo
STMicroelectronics
L8150 STMICROELECTRONICS-L8150 Datasheet
732Kb / 37P
Brushless motor predriver
20-Mar-2006
logo
Sanyo Semicon Device
LB11600JV SANYO-LB11600JV Datasheet
343Kb / 30P
Brushless Motor Predriver IC
LB11600JV SANYO-LB11600JV_11 Datasheet
365Kb / 30P
Brushless Motor Predriver IC for Automotive Applications
logo
ON Semiconductor
LB11600JV ONSEMI-LB11600JV Datasheet
339Kb / 30P
Brushless Motor Predriver IC
May, 2013
LB11696V ONSEMI-LB11696V_V01 Datasheet
578Kb / 19P
Direct PWM Drive Brushless Motor Predriver IC
July, 2018 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com