Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ATA6628 Datasheet(PDF) 2 Page - ATMEL Corporation

No. de pieza ATA6628
Descripción Electrónicos  Negative Trigger Input for Watchdog
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ATMEL [ATMEL Corporation]
Página de inicio  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA6628 Datasheet(HTML) 2 Page - ATMEL Corporation

  ATA6628 Datasheet HTML 1Page - ATMEL Corporation ATA6628 Datasheet HTML 2Page - ATMEL Corporation ATA6628 Datasheet HTML 3Page - ATMEL Corporation ATA6628 Datasheet HTML 4Page - ATMEL Corporation ATA6628 Datasheet HTML 5Page - ATMEL Corporation ATA6628 Datasheet HTML 6Page - ATMEL Corporation ATA6628 Datasheet HTML 7Page - ATMEL Corporation ATA6628 Datasheet HTML 8Page - ATMEL Corporation ATA6628 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
2
9117E–AUTO–07/10
ATA6628/ATA6630 [Preliminary]
Figure 1-1.
Block Diagram
High
Speed
Mode
Adjustable
Watchdog
Oscillator
Short Circuit and
Overtemperature
Protection
TXD
Time-out
Timer
Edge
Detection
Debounce
Time
Internal Testing
Unit
Control Unit
Slew Rate Control
Wake-up
Bus Timer
Mode Select
Undervoltage
Reset
Normal/Silent/
Fail-safe Mode
3.3V/50 mA/±2%
5V/50 mA/±2%
RF Filter
Watchdog
15
10
2
12
RXD
NTRIG
GND
PV
PVCC
PVCC
PVCC
TM
MODE
EN
TXD
SP_MODE
KL_15
17
WAKE
Receiver
7
4
5
916
3
Normal and
Fail-safe
Mode
18
19
13
14
6
20
LIN
WD_OSC
NRES
PVCC
VCC
VS
8
DIV_ON
1
VBATT
5k
Normal and
Fail-safe
Mode
INH
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com