| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
FX009ALG Datasheet(PDF) 2 Page - CML Microcircuits |
|
|
|||||||||||||||||||||||||||||
FX009ALG Datasheet(HTML) 2 Page - CML Microcircuits |
|
2 / 7 page ![]() 2 Pin Number Function FX009A J 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 Serial Clock : This external clock pulse input is used to “clock in” the Control Data. See Figure 4, Data Load Timing. This input has an internal 1M Ω pullup resistor. Load/Latch : Governs the loading and execution of the control data. During serial data loading this input should be kept at a logical '0' to ensure that data rippling past the latches has no effect. When all 8 bits have been loaded, this input should be strobed '0' ⇒ '1' ⇒ '0' to latch the new data in. Data is executed on the falling edge of the strobe. If the Load/Latch input is used this pin should be left open circuit. This input has an internal 1M Ω pullup resistor. Load/Latch : The inverted Load/Latch input. This function governs the loading and execution of the control data. During serial data loading this input should be kept at a logical '1' to ensure that data rippling past the latches has no effect. When all 8 bits have been loaded, this input should be strobed '1' - '0' - '1' to latch the new data in. Data is executed on the rising edge of the strobe. If the Load/Latch input is used this pin should be left open circuit. This input has an internal 1M Ω pulldown resistor. Ch1 Input : Ch2 Input : Ch3 Input : Ch4 Input : V BIAS : The output of the on-chip bias circuitry, held at V DD/2. This pin should be decoupled to V SS as shown in Figure 2. Ch5 Input : Ch6 Input : Ch7 Input : Ch8 Input : V SS : Negative supply rail (GND). Ch8 Output : Ch7 Output : Ch6 Output : Ch5 Output : No internal connection. Do not use. Ch4 Output : Ch3 Output : Ch2 Output : Ch1 Output : V DD : Positive supply rail. A single +5-volt power supply is required. Control Data Input : Operation of the 8 amplifier channels (Ch1 – Ch8) is controlled by the 8 bits of data entered serially at this pin . The data is entered (bit 7 to bit 0) on the rising edge of the external Serial Clock. The data format is described in Tables 1, 2 and Figure 4. This input has an internal 1M Ω pullup resistor. Analogue Outputs : The individual "Gain Controlled" amplifier outputs. Ch1 to Ch7 range from -3dB to +3dB in 0.43dB steps, Ch8 could be utilized as a volume control, ranging from -14dB to +14dB in 2.0dB steps. In the powersave mode the selected output is biased at V DD/2. Analogue Outputs Note that amplifiers Ch1 to Ch8 are 'inverting amplifiers.' Analogue Inputs : These individual amplifier inputs are self-biasing, a.c. input analogue signals must be capacitively coupled to these pins, as shown in Figure 2. In the powersave modes the inputs are biased at V DD/2. Note that amplifiers Ch1 to Ch8 are 'inverting amplifiers.' Analogue Inputs : FX009A LG/LS 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 |