| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CMX625P4 Datasheet(PDF) 16 Page - CML Microcircuits |
|
|
|||||||||||||||||||||||||||||
CMX625P4 Datasheet(HTML) 16 Page - CML Microcircuits |
|
16 / 34 page ![]() ISDN TA POTS Interface CMX625 2001 Consumer Microcircuits Limited 16 D/625/2 Tone Field 2, MODE Register bit 1 and bit 0 = ‘1’ and ‘0’ respectively TX TONES Register Bits 4-7 Frequency TX TONES Register Bits 0-3 Frequency D7 D6 D5 D4 (Hz) D3 D2 D1 D0 (Hz) 0 0 0 0 0 = OFF 0 0 0 0 0 = OFF 0 0 0 1 700 0 0 0 1 700 0 0 1 0 900 0 0 1 0 900 0 0 1 1 1100 0 0 1 1 1100 0 1 0 0 1300 0 1 0 0 1300 0 1 0 1 1500 0 1 0 1 1500 0 1 1 0 1700 0 1 1 0 1700 0 1 1 1 - 0 1 1 1 - 1 0 0 0 950 1 0 0 0 2100 1 0 0 1 1400 1 0 0 1 2225 1 0 1 0 1800 1 0 1 0 - 1 0 1 1 2130 1 0 1 1 2750 1 1 0 0 697 1 1 0 0 1209 1 1 0 1 770 1 1 0 1 1336 1 1 1 0 852 1 1 1 0 1477 1 1 1 1 941 1 1 1 1 1633 Tone Field 3, MODE Register bit 1 and bit 0 = ‘1’ and ‘1’ respectively TX TONES Register Bits 4-7 Frequency TX TONES Register Bits 0-3 Frequency D7 D6 D5 D4 (Hz) D3 D2 D1 D0 (Hz) 0 0 0 0 0 = OFF 0 0 0 0 0 = OFF 0 0 0 1 540 0 0 0 1 540 0 0 1 0 660 0 0 1 0 660 0 0 1 1 780 0 0 1 1 780 0 1 0 0 900 0 1 0 0 900 0 1 0 1 1020 0 1 0 1 1020 0 1 1 0 1140 0 1 1 0 1140 0 1 1 1 - 0 1 1 1 - 1 0 0 0 1380 1 0 0 0 1380 1 0 0 1 1500 1 0 0 1 1500 1 0 1 0 1620 1 0 1 0 1620 1 0 1 1 1740 1 0 1 1 1740 1 1 0 0 1860 1 1 0 0 1860 1 1 0 1 1980 1 1 0 1 1980 1 1 1 0 - 1 1 1 0 - 1 1 1 1 - 1 1 1 1 - |