| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TIP33C Datasheet(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TIP33C Datasheet(HTML) 1 Page - STMicroelectronics |
|
1 / 7 page ![]() February 2008 Rev 3 1/7 7 TIP33C TIP34C Complementary power transistors Features ■ Low collector-emitter saturation voltage ■ Complementary NPN - PNP transistors Applications ■ General purpose Description The devices are manufactured in epitaxial-base planar technology and are suitable for power linear and switching applications. . Figure 1. Internal schematic diagrams Table 1. Device summary TO-247 1 2 3 Order code Marking Package Packaging TIP33C TIP33C TO-247 Tube TIP34C TIP34C www.st.com |
Número de pieza similar - TIP33C_08 |
|
Descripción similar - TIP33C_08 |