| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STT13005 Datasheet(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STT13005 Datasheet(HTML) 1 Page - STMicroelectronics |
|
1 / 10 page ![]() November 2009 Doc ID 13613 Rev 3 1/10 10 STT13005 High voltage fast-switching NPN power transistor Features ■ High voltage capability ■ Minimum lot-to-lot spread for reliable operation ■ Very high switching speed Applications ■ Electronic ballast for fluorescent lighting ■ Flyback and forward single transistor low power converters Description The device is manufactured using high voltage multi-epitaxial planar technology for high switching speeds and medium voltage capability. It uses a cellular emitter structure with planar edge termination to enhance switching speeds while maintaining the wide RBSOA. The device is designed for use in lighting applications and low cost switch-mode power supplies. Figure 1. Internal schematic diagram SOT-32 3 2 1 Table 1. Device summary Order codes Marking Package Packaging STT13005 T13005 SOT-32 Tube STT13005-K T13005 SOT-32 Bag www.st.com |
Número de pieza similar - STT13005 |
|
Descripción similar - STT13005 |