Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SHD122636 Datasheet(PDF) 1 Page - Sensitron

No. de pieza SHD122636
Descripción Electrónicos  HIGH CURRENT HERMETIC SCHOTTKY POWER MODULE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SENSITRON [Sensitron]
Página de inicio  http://www.sensitron.com
Logo SENSITRON - Sensitron

SHD122636 Datasheet(HTML) 1 Page - Sensitron

  SHD122636_08 Datasheet HTML 1Page - Sensitron SHD122636_08 Datasheet HTML 2Page - Sensitron SHD122636_08 Datasheet HTML 3Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
• 221 West Industry Court
Deer Park, NY 11729-4681
Phone (631) 586 7600 Fax (631) 242 9798
• World Wide Web Site - www.sensitron.com • E-Mail Address - sales@sensitron.com •
SENSITRON
SEMICONDUCTOR
TECHNICAL DATA
DATA SHEET 4666, REV. A
HIGH CURRENT HERMETIC SCHOTTKY
POWER MODULE
DESCRIPTION: A 200 VOLT, 150/120 AMP, POWER SCHOTTKY RECTIFIER IN A POTTED PACKAGE.
MAXIMUM RATINGS
ALL RATINGS ARE @ TC = 25 °C UNLESS OTHERWISE SPECIFIED.
RATING
SYMBOL
MAX.
UNITS
PEAK INVERSE VOLTAGE
PIV
200
Volts
MAXIMUM DC OUTPUT CURRENT @ TC=100
OC (P and N versions)
(per device)
IO
150
Amps
MAXIMUM DC OUTPUT CURRENT @ TC=100
OC (Single and D versions)
IO
120
Amps
MAXIMUM NONREPETITIVE FORWARD SURGE CURRENT
(per leg)
(t = 8.3ms, Sine)
IFSM
1000
Amps
MAXIMUM JUNCTION CAPACITANCE
(Vr =5.0V)
(per leg)
CT
1800
pF
MAXIMUM THERMAL RESISTANCE
RθJC
0.2
°C/W
MAXIMUM OPERATING AND STORAGE TEMPERATURE RANGE
Top/Tstg
-55 to
+ 200
°C
ELECTRICAL CHARACTERISTICS
CHARACTERISTIC
MAXIMUM FORWARD VOLTAGE DROP, Pulsed
(If = 120 Amps) (per leg)
TJ = 25 °C
TJ = 125 °C
Vf
1.07
0.91
Volts
MAXIMUM REVERSE CURRENT (Ir @ 200 V PIV) (per leg)
TJ = 25 °C
TJ = 125 °C
Ir
0.6
6.0
mA
SHD122636
SHD122636P
SHD122636N
SHD122636D


Número de pieza similar - SHD122636_08

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sensitron
SHD122636D SENSITRON-SHD122636D Datasheet
81Kb / 3P
HIGH CURRENT HERMETIC SCHOTTKY POWER MODULE
SHD122636N SENSITRON-SHD122636N Datasheet
81Kb / 3P
HIGH CURRENT HERMETIC SCHOTTKY POWER MODULE
SHD122636P SENSITRON-SHD122636P Datasheet
81Kb / 3P
HIGH CURRENT HERMETIC SCHOTTKY POWER MODULE
More results

Descripción similar - SHD122636_08

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sensitron
SHD114668P SENSITRON-SHD114668P Datasheet
73Kb / 3P
HIGH CURRENT HERMETIC SCHOTTKY POWER MODULE
SHD122612 SENSITRON-SHD122612 Datasheet
78Kb / 3P
HIGH CURRENT HERMETIC SCHOTTKY POWER MODULE
SHD122622 SENSITRON-SHD122622 Datasheet
72Kb / 3P
HIGH CURRENT HERMETIC SCHOTTKY POWER MODULE
SHD122634 SENSITRON-SHD122634 Datasheet
80Kb / 3P
HIGH CURRENT HERMETIC SCHOTTKY POWER MODULE
SHD122636 SENSITRON-SHD122636 Datasheet
81Kb / 3P
HIGH CURRENT HERMETIC SCHOTTKY POWER MODULE
SHD122611P SENSITRON-SHD122611P Datasheet
81Kb / 3P
HIGH CURRENT HERMETIC SCHOTTKY
SHD122668P SENSITRON-SHD122668P Datasheet
57Kb / 3P
HIGH CURRENT HERMETIC SCHOTTKY
SHD123612P SENSITRON-SHD123612P Datasheet
77Kb / 3P
HIGH CURRENT HERMETIC SCHOTTKY POWER MODULE
SHD122634 SENSITRON-SHD122634_08 Datasheet
57Kb / 3P
HIGH CURRENT HERMETIC SCHOTTKY POWER MODULE
SHD114668P SENSITRON-SHD114668P_11 Datasheet
63Kb / 2P
HIGH CURRENT HERMETIC SCHOTTKY POWER MODULE
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com